Electronic Components Datasheet Search
  English  ▼

X  

IL6840 Datasheet(PDF) 4 Page - Integral Corp.

Part # IL6840
Description  Telephone Tone Ringer with Bridge Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL6840 Datasheet(HTML) 4 Page - Integral Corp.

  IL6840 Datasheet HTML 1Page - Integral Corp. IL6840 Datasheet HTML 2Page - Integral Corp. IL6840 Datasheet HTML 3Page - Integral Corp. IL6840 Datasheet HTML 4Page - Integral Corp. IL6840 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IL6840
Figure2 : Single output applied pin#6
1 F, 250V
0.22 F
2.2 K
AC
f1 = 3.22 •10
4 / R
1 (KΩ);
f2 = 5/7 f1; fsweep = 1000 / C1(nF)
DESCRIPTION
The IL6840 tone ringer derives its power supply by rectifying the AC ringing signal. It uses this power to activate
two tone generators. The two tone frequencies generated are switched by internal oscillator in a fast sequence and made
audible across an output amplifier in the loudspeaker; both tone frequencies and the switching frequency can be
externally adjusted.
The device can drive either directly a piezo ceramic converter (buzzer) or small loudspeaker. In case of using a
loud-speaker, a transformer is needed.
An internal shunt voltage regulator provides DC voltage to the output stage, low frequency oscillator, and high
frequency oscillator. To protect the IC from telephone line transients, a zener Diode is included.
RING
TIP
R
2
C
2
10K
10K
10 F
3
100nF
14K
C
C1
R
1
VOUT
IL6840
5
6
7
TEL
Piezo
2
3
1
4
1300:8
VS
8
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com