Electronic Components Datasheet Search
  English  ▼

X  

F0443 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 3Page - Renesas Technology Corp F0443 Datasheet HTML 4Page - Renesas Technology Corp F0443 Datasheet HTML 5Page - Renesas Technology Corp F0443 Datasheet HTML 6Page - Renesas Technology Corp F0443 Datasheet HTML 7Page - Renesas Technology Corp F0443 Datasheet HTML 8Page - Renesas Technology Corp F0443 Datasheet HTML 9Page - Renesas Technology Corp F0443 Datasheet HTML 10Page - Renesas Technology Corp F0443 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
7
September 1, 2020
Pin Assignments
Figure 2. Pin Assignments for 7 × 7 × 0.75 mm 48-LGA Package – Top View
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
35
36
RFIN_B
GND
RFIN_A
SPI_I3C_SEL
GND
ID_1
STBY_B
STBY_A
CSb
SDATA/SDA
SCLK/SCL
ID_0
GND
RFOUT_A
GND
GND
RFOUT_B
VCC_BIAS_B
GND
VCC_BIAS_A
RSET2
VCC
GND
RDSET2
Bias
Control
29dB
DSA2_A
RF
AMP2_A
18dB
DSA3_A
6dB
DSA1_A
DSA2_B
29dB
RF AMP1_B
RF
AMP2_B
DSA3_B
18dB
DSA1_B
6dB
6dB
DSA0_A
DSA0_B
6dB
RF AMP1_A
Decode Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com