Electronic Components Datasheet Search
  English  ▼

X  

F0443 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 4Page - Renesas Technology Corp F0443 Datasheet HTML 5Page - Renesas Technology Corp F0443 Datasheet HTML 6Page - Renesas Technology Corp F0443 Datasheet HTML 7Page - Renesas Technology Corp F0443 Datasheet HTML 8Page - Renesas Technology Corp F0443 Datasheet HTML 9Page - Renesas Technology Corp F0443 Datasheet HTML 10Page - Renesas Technology Corp F0443 Datasheet HTML 11Page - Renesas Technology Corp F0443 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
8
September 1, 2020
Pin Descriptions
Table 1.
Pin Descriptions
Pin Number
Name
Description
1
RFIN_A
Channel A RF input internally matched to 50Ω. Must use external DC block.
2, 11, 13,
15, 20, 22,
25, 27, 30,
34, 36, 39,
41, 46, 48
GND
Internally grounded. This pin must be grounded with a via as close to the pin as possible.
3
SPI_I3C_SEL
Logic control to select between SPI or I3C mode. Logic HIGH = I3C slave mode using a ‘Slave-Lite’
version of the MIPI I3C communication protocol. Logic LOW/Open = SPI slave mode. An internal pull-
down resistor of 100kΩ connects between this pin and GND.
4
STBY_A
Standby control for Channel A. HIGH/Open = device power OFF with SPI/I3C still powered ON, LOW =
device power ON. An internal pull-up resistor network connects between this pin and 1.67V.
5
CSb
Chip Select bar input. Used only for SPI mode. Logic LOW allows data to be shifted in. Logic HIGH
updates the programming register.
6
DATA/SDA
SPI slave data in or I3C data in/out.
7
CLK/SCL
SPI/I3C clock input.
8
ID_0
Bit 0 for the I3C static address or used for adding static addressing capability in SPI mode. See the
Programming section for details. An internal pull-down resistor of 100kΩ connects between this pin and
GND.
9
ID_1
Bit 1 for the I3C static address or used for adding static addressing capability in SPI mode. See the
Programming section for details. An internal pull-down resistor of 100kΩ connects between this pin and
GND.
10
STBY_B
Standby control for Channel B. HIGH/Open = device power OFF with SPI/I3C still powered ON, LOW =
device power ON. An internal pull-up resistor network connects between this pin and 1.67V.
12
RFIN_B
Channel B RF input internally matched to 50Ω. Must use external DC block.
14
DSA1_B
Logic control for channel B DSA1. Logic HIGH/Open = 6dB attenuation, logic LOW = 0dB attenuation. An
internal pull-up resistor network connects between this pin and 1.67V.
16
VCC_AMP1_B
Channel B amplifier 1 DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
17
RSET1_B
Connect 2.67kΩ external resistor to GND to optimize amplifier bias. Used with RDSET1_B pin 18.
18
RDSET1_B
Connect 9.1kΩ external resistor to GND to optimize amplifier bias. Used with RSET1_B pin 17.
19
RFET_B
Connect 4.7kΩ external resistor to GND to optimize amplifier gain variation over temperature.
21
VCC_AMP2_B
Channel B amplifier 2 DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
23
DSA3_B_BIT0
Logic control bit 0 for channel B DSA3. An internal pull-up resistor network connects between this pin and
1.67V.
24
DSA3_B_BIT1
Logic control bit 1 for channel B DSA3. An internal pull-up resistor network connects between this pin and
1.67V.
26
RFOUT_B
Channel B RF output internally matched to 50Ω. Must use external DC block.
28
VCC_BIAS_B
Channel B bias circuitry DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com