Electronic Components Datasheet Search
  English  ▼

X  

F0443 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F0443 Datasheet HTML 5Page - Renesas Technology Corp F0443 Datasheet HTML 6Page - Renesas Technology Corp F0443 Datasheet HTML 7Page - Renesas Technology Corp F0443 Datasheet HTML 8Page - Renesas Technology Corp F0443 Datasheet HTML 9Page - Renesas Technology Corp F0443 Datasheet HTML 10Page - Renesas Technology Corp F0443 Datasheet HTML 11Page - Renesas Technology Corp F0443 Datasheet HTML 12Page - Renesas Technology Corp F0443 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
F0443 Datasheet
© 2020 Renesas Electronics Corporation
9
September 1, 2020
Pin Number
Name
Description
29
RDSET2
Connect 13kΩ external resistor to GND to optimize amplifier bias. Used with RSET2 pin 32.
31
VCC
DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
32
RSET2
Connect 2.94kΩ external resistor to GND to optimize amplifier bias. Used with RDSET2 pin 29.
33
VCC_BIAS_A
Channel A bias circuitry DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
35
RFOUT_A
Channel A RF output internally matched to 50Ω. Must use external DC block.
37
DSA3_A_BIT1
Logic control bit 1 for channel B DSA3. An internal pull-up resistor network connects between this pin and
1.67V.
38
DSA3_A_BIT0
Logic control bit 0 for channel B DSA3. An internal pull-up resistor network connects between this pin and
1.67V.
40
VCC_AMP2_A
Channel A amplifier 2 DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
42
RFET_A
Connect 4.7kΩ external resistor to GND to optimize amplifier gain variation over temperature.
43
RDSET1_A
Connect 9.1kΩ external resistor to GND to optimize amplifier bias. Used with RSET1_A pin 44.
44
RSET1_A
Connect 2.67kΩ external resistor to GND to optimize amplifier bias. Used with RDSET1_A pin 43.
45
VCC_AMP1_A
Channel A Amplifier 1 DC supply voltage. Connect bypass capacitor(s) as close to the pin as possible.
47
DSA1_A
Logic control for channel A DSA1. Logic HIGH/Open = 6dB attenuation, logic LOW = 0dB attenuation. An
internal pull-up resistor network connects between this pin and 1.67V.
– EPAD
Exposed paddle. Internally connected to ground. Solder this exposed paddle to a printed circuit board
(PCB) pad that uses multiple ground vias to provide heat transfer out of the device into the PCB ground
planes. These multiple ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com