Electronic Components Datasheet Search
  English  ▼

X  

F0443 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F0443
Description  Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0443 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F0443 Datasheet HTML 1Page - Renesas Technology Corp F0443 Datasheet HTML 2Page - Renesas Technology Corp F0443 Datasheet HTML 3Page - Renesas Technology Corp F0443 Datasheet HTML 4Page - Renesas Technology Corp F0443 Datasheet HTML 5Page - Renesas Technology Corp F0443 Datasheet HTML 6Page - Renesas Technology Corp F0443 Datasheet HTML 7Page - Renesas Technology Corp F0443 Datasheet HTML 8Page - Renesas Technology Corp F0443 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
Dual Matched Broadband RF
DVGA 0.6GHz to 2.7GHz
F0443
Datasheet
© 2020 Renesas Electronics Corporation
1
September 1, 2020
Description
The F0443 is a highly integrated 0.6GHz to 2.7GHz dual channel
RF digital variable gain amplifier designed for use in
diversity/MIMO receivers. The F0443 provides two independent
receiver paths each with 29.5dB typical maximum gain and 3.2dB
NF at 2.5GHz.
For each path, gain control is split into four separate digital step
attenuators: DSA0 provides 6dB of attenuation in a single step
using SPI/I3C control. Its counterpart, DSA1, also provides 6dB of
attenuation in a single step but it is programmed instead using an
external direct control pin. DSA2 yields 29dB of SPI/I3C-controlled
attenuation in 1dB steps, while its counterpart, DSA3, includes
18dB attenuation in 6dB steps programmed via two external control
pins. The device offers +39dBm nominal output IP3 at 2.5GHz
using 372mA total ICC for two active paths with a +5V supply
voltage.
The F0443 is packaged in a 7 × 7 mm, 48-LGA with 50Ω single-
ended RF input and RF output impedances for ease of integration
into the signal path.
Competitive Advantage
High Linearity via Renesas’ patented Zero-Distortion™
Technology
Exceptionally Low Gain Overshoot/Undershoot via Renesas’
patented Glitch-Free™ Technology
Low Noise Figure
Low DC Current
High Integration
High Reliability
Typical Applications
Multi-mode, Multi-carrier Receivers
Distributed Antenna Systems
Digital Radios
Features
RF Frequency Range: 0.6GHz to 2.7GHz
Gain at 2.5GHz:
•
29.5dB typical max gain in non-bypass mode
•
10.9dB typical max gain in bypass mode
DSA Control
•
DSA0: Single 6dB step via SPI/I3C control
•
DSA1: Single 6dB step via 1-bit external pin control
•
DSA2: 29dB range in 1dB steps via SPI/I3C control
•
DSA3: 18dB range in 6dB steps via 2-bit external pin
control
+39dBm OIP3 at 2.5GHz
NF at 2.5GHz
•
3.2dB typical in non-bypass mode
•
8.9dB typical in bypass mode
+19.7dBm OP1dB at 2.5GHz
ICC = 372mA
Standby Mode for power savings with 9mA standby current
50Ω single-ended input/output impedances
1.8V logic support
Operating temperature (TEPAD) range: -40°C to +105°C
7 × 7 mm 48-LGA package
Block Diagram
Figure 1. Block Diagram
RFIN_A
RFOUT_A
Bias
Control
29dB
DSA2_A RF AMP2_A
18dB
DSA3_A
6dB
DSA1_A
RFIN_B
RFOUT_B
Decode
Logic
DSA2_B
29dB
RF AMP1_B
RF AMP2_B DSA3_B
18dB
DSA1_B
6dB
6dB
DSA0_A
DSA0_B
6dB
RF AMP1_A


Similar Part No. - F0443

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F044 LITTELFUSE-F044 Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
logo
Eichhoff Electronics,In...
F044-201 EICHHOFF-F044-201 Datasheet
143Kb / 2P
Funk-Entstorfilter mit Kaltger채testecker nach IEC mit Sicherungshalter und Netzschalter
F044-202 EICHHOFF-F044-202 Datasheet
143Kb / 2P
Funk-Entstorfilter mit Kaltger채testecker nach IEC mit Sicherungshalter und Netzschalter
F044-203 EICHHOFF-F044-203 Datasheet
143Kb / 2P
Funk-Entstorfilter mit Kaltger채testecker nach IEC mit Sicherungshalter und Netzschalter
F044-204 EICHHOFF-F044-204 Datasheet
143Kb / 2P
Funk-Entstorfilter mit Kaltger채testecker nach IEC mit Sicherungshalter und Netzschalter
More results

Similar Description - F0443

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Renesas Technology Corp
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com