Electronic Components Datasheet Search
  English  ▼

X  

F1241 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1241
Description  Dual IF Digital Variable Gain Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1241 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1241 Datasheet HTML 1Page - Renesas Technology Corp F1241 Datasheet HTML 2Page - Renesas Technology Corp F1241 Datasheet HTML 3Page - Renesas Technology Corp F1241 Datasheet HTML 4Page - Renesas Technology Corp F1241 Datasheet HTML 5Page - Renesas Technology Corp F1241 Datasheet HTML 6Page - Renesas Technology Corp F1241 Datasheet HTML 7Page - Renesas Technology Corp F1241 Datasheet HTML 8Page - Renesas Technology Corp F1241 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Dual IF Digital Variable Gain Amplifier
10 – 500 MHz IDTF1241NBGI
IDT FlatNoise
TM IF VGA
1
Rev O Nov 2012
IDTF1241
DATASHEET
GENERAL DESCRIPTION
The IDTF1241 (1 dB steps) is an IF VGA for Diversity
Basestation receivers. The device offers significantly
better Noise and Distortion performance than currently
available devices. It is packaged in a compact 5x5
Thin QFN with 200 ohm differential input and output
impedances for ease of integration into the receiver
lineup.
COMPETITIVE ADVANTAGE
The IDTF1241 IF VGA improves system Signal-to-Noise
Ratio (SNR), especially at lower gain settings. Via IDT’s
proprietary FlatNoise
TM technology both IIPP33
O
O &
& N
NF
F a
arre
e
k
ke
ep
ptt v
viirrttu
ua
alllly
y fflla
att while gain is backed
off, enhancing SNR significantly under
high level interferer conditions, and
greatly benefiting 2G/3G/4G Multi-
Carrier IF sampling receivers.
The fast-settling gain step of 1 dB coupled with pinpoint
accuracy allow for SNR to be maximized further by
targeting the minimum necessary gain in small, accurate
increments.
See the ‘Applications Information’ section starting on
Page 17 for more details of the benefits of the F1241 in
IF sampling receivers.
PART# MATRIX
Part#
Range /
Step
IP3O
IF freq
range
NF
Pinout
Compatibility
F
F1
12
24
41
1
2
20
0 tto
o --1
11
1
1
1..0
0
4
48
8
1
10
0 -- 5
50
00
0
4
4
A
AD
DII
F1240
20 to -11.5
0.5
47
10 - 500
4
TI (NSM)
ORDERING INFORMATION
FEATURES
•
Ideal for systems with high SNR requirements
•
20 dB typical Maximum Gain
•
5-bit, 1 dB step, 31 dB gain control range
•
•
E
Ex
xcce
elllle
en
ntt N
No
oiisse
e F
Fiig
gu
urre
e =
= 4
4..0
0 d
dB
B
•
5mm x 5mm 32 pin package
•
200
Differential Matched Input
•
200
Differential Matched Output
•
No termination resistors required
•
•
N
NF
F d
de
eg
grra
ad
de
ess jju
usstt 1
1..3
3 d
dB
B @
@ 1
10
0 d
dB
B b
be
ello
ow
w M
Ma
ax
x G
Ga
aiin
n
•
10 MHz – 500 MHz frequency range
•
Ultra-Linear: IIP
P3
3OO +
+4
48
8 d
dB
Bm
m typical
•
Excellent 2
nd Harmonic Rejection < -80 dBc
•
Parallel Control
•
External current setting resistors
•
Very fast settling < 15 nsec
•
Individual Power Down Modes
•
•
Extremely Low Power: 8
80
0 m
mA
A // C
Ch
ha
an
n
APPLICATIONS
•
Base Station 2G, 3G, 4G, TDD radiocards
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
WIMAX Receivers and Transmitters
•
Military Systems, JTRS radios
DEVICE BLOCK DIAGRAM
Decode
Logic
VCC
ATTN
In A
AMP
out A
Bias
Control
Gain
Control
VCC
STBYB
10
STBYA
ISET
ATTN
In B
AMP
out B
2
IDTF1241NBGI8
0.8 mm height
package
Green
Industrial
Temp range
Omit IDT
prefix
RF product Line
Tape &
Reel
FlatNoise
TM
FlatNoise
TM


Similar Part No. - F1241

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
F124 LEDTRONICS-F124 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
Polyfet RF Devices
F1240 POLYFET-F1240 Datasheet
41Kb / 2P
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
F1240EVBI RENESAS-F1240EVBI Datasheet
15Mb / 35P
Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
F1240EVS RENESAS-F1240EVS Datasheet
15Mb / 35P
Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
More results

Similar Description - F1241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
Dual Intermediate Frequency Digital Variable Gain Amplifier
IDTF1241 IDT-IDTF1241 Datasheet
1Mb / 20P
Dual IF Digital Variable Gain Amplifier
logo
Asahi Kasei Microsystem...
AK1291 AKM-AK1291_17 Datasheet
523Kb / 16P
IF Variable Gain Amplifier with RSSI
logo
BeRex Corporation
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com