Electronic Components Datasheet Search
  English  ▼

X  

F1241 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1241
Description  Dual IF Digital Variable Gain Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1241 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1241 Datasheet HTML 12Page - Renesas Technology Corp F1241 Datasheet HTML 13Page - Renesas Technology Corp F1241 Datasheet HTML 14Page - Renesas Technology Corp F1241 Datasheet HTML 15Page - Renesas Technology Corp F1241 Datasheet HTML 16Page - Renesas Technology Corp F1241 Datasheet HTML 17Page - Renesas Technology Corp F1241 Datasheet HTML 18Page - Renesas Technology Corp F1241 Datasheet HTML 19Page - Renesas Technology Corp F1241 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Dual IF Digital Variable Gain Amplifier
10 – 500 MHz IDTF1241NBGI
IDT FlatNoise
TM IF VGA
16
Rev O Nov 2012
IDTF1241
DATASHEET
EVKIT BOM (F1241)
REF
DES
VALUE
CASE
SIZE
MFG
REF
DES
VALUE
CASE
SIZE
MFG
R34
DNP
0402
C7
0.1 uF
0402
R36
DNP
0402
C8
0.1 uF
0402
R37
3.83K +/-1%
0402
C10
1,000 pF
0402
R38
3.83K +/-1%
0402
C12
0.1 uF
0402
R39
0 ohm
0402
C16
1,000 pF
0402
R40
0 ohm
0402
C17
0.1 uF
0402
R41
0 ohm
0402
C18
10 uF
0603
R42
0 ohm
0402
T1
4:1
TC4-1WG2+
MiniCircuits
L1
390 nH
0805
Coilcraft
T3
4:1
TC4-1WG2+
MiniCircuits
L2
390 nH
0805
Coilcraft
T5
4:1
TC4-1WG2+
MiniCircuits
L3
390 nH
0805
Coilcraft
T6
4:1
TC4-1WG2+
MiniCircuits
L4
390 nH
0805
Coilcraft
J1
SMA
C1
1,000 pF
0402
J3
SMA
C2
0.1 uF
0402
J4
SMA
C3
0.1 uF
0402
J5
SMA
C4
0.1 uF
0402
J8
SMA
C5
1,000 pF
0402
JP1
DNP
C6
0.1 uF
0402
J6
14 pin- CTRL
J7
4 pin - STBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com