Electronic Components Datasheet Search
  English  ▼

X  

F1241 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1241
Description  Dual IF Digital Variable Gain Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1241 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1241 Datasheet HTML 13Page - Renesas Technology Corp F1241 Datasheet HTML 14Page - Renesas Technology Corp F1241 Datasheet HTML 15Page - Renesas Technology Corp F1241 Datasheet HTML 16Page - Renesas Technology Corp F1241 Datasheet HTML 17Page - Renesas Technology Corp F1241 Datasheet HTML 18Page - Renesas Technology Corp F1241 Datasheet HTML 19Page - Renesas Technology Corp F1241 Datasheet HTML 20Page - Renesas Technology Corp F1241 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Dual IF Digital Variable Gain Amplifier
10 – 500 MHz IDTF1241NBGI
IDT FlatNoise
TM IF VGA
20
Rev O Nov 2012
IDTF1241
DATASHEET
APPLICATIONS INFORMATION (CONT.)
O
Op
pe
erra
attiio
on
n iin
ntto
o a
a 1
10
00
0 o
oh
hm
m llo
oa
ad
d
The F1241 can be dropped directly into a 100 ohm termination environment without any topology changes, so
no board redesign is necessary. The example schematic below is for a 153 MHz IF center frequency. Simply
replace the pullup inductors already on the board with 91 nH and replace the series AC coupling capacitors
already on the board with 18 pF. The F1241 in this case will then drive a 100 ohm filter with ~16 dB return
loss. See schematic and measured results when matched to 100 ohms below:
18 pF
18 pF
ZDIFF = 100 ohm
VGA_OUT+
VGA_OUT-
91 nH
91 nH
CB
5V
153 MHz +/- 20MHz AAF
ZDIFF = 100 ohm
50
CB
CB
50
VCML
CB
V_IN+
V_IN-
Unbuffered
Pipeline ADC
F1240/1
ZDIFF = 100 ohm
ZDIFF = 100 ohm
Pullup Inductors:
Coilcraft 0805CS
Pins 24, 23
Pins 18, 17
AC coupling
Capacitor
AC coupling
Capacitor
-25
-20
-15
-10
-5
0
5
10
15
20
25
1.0E+08
1.2E+08
1.4E+08
1.6E+08
1.8E+08
2.0E+08
Frequency (Hz)
S21
S22
15
20
25
30
35
40
45
50
55
-2
0
2
4
6
8
10
12
14
16
18
20
Gain Setting (dB)
134 MHz
174 MHz
154 MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-2
0
2
4
6
8
10
12
14
16
18
20
Gain Setting (dB)
134 MHz
174 MHz
154 MHz
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
-4
-2
0
2
4
6
8
10
12
14
16
18
20
Gain Setting (dB)
154 MHz Gain Step Error
154 MHz Absolute Gain Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com