Electronic Components Datasheet Search
  English  ▼

X  

F1241 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1241
Description  Dual IF Digital Variable Gain Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1241 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1241 Datasheet HTML 13Page - Renesas Technology Corp F1241 Datasheet HTML 14Page - Renesas Technology Corp F1241 Datasheet HTML 15Page - Renesas Technology Corp F1241 Datasheet HTML 16Page - Renesas Technology Corp F1241 Datasheet HTML 17Page - Renesas Technology Corp F1241 Datasheet HTML 18Page - Renesas Technology Corp F1241 Datasheet HTML 19Page - Renesas Technology Corp F1241 Datasheet HTML 20Page - Renesas Technology Corp F1241 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Dual IF Digital Variable Gain Amplifier
10 – 500 MHz IDTF1241NBGI
IDT FlatNoise
TM IF VGA
18
Rev O Nov 2012
IDTF1241
DATASHEET
APPLICATIONS INFORMATION (CONT.)
N
No
oiis
se
e C
Co
on
ntto
ou
urr ((c
co
on
ntt..))
The result is that the F1241 with its unique noise contour will improve SNR significantly in this multi-carrier
instance . Note in the graph below: S
SN
NR
R iim
mp
prro
ov
ve
ess o
ov
ve
err 2
2 d
dB
B at high attenuation settings which allows for the
use of a lower cost / lower resolution ADC in the Rx path. Alternately, F1241 FlatNoise
TM coupled with its
excellent H2, IM2, and H3 performance allows simplification or even elimination of the Anti-Alias Filter.
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
40
80
120
160
200
240
280
320
360
400
440
Frequency (MHz)
Digital
Downconversion BW
1st Nyquist Zone =
0 to
½ f
SAMP
30 dB filtering for
H2 and IM2
products
Sample Rate ~ 160 MHz
Chebyshev Discrete LC
filter 3rd order
3rd Nyquist Zone =
f SAMP to
3 /
2 f SAMP
Zone4 Alias noise
rejection only ~ 3 dB
Zone2 Alias
noise rejection
only ~ 6 dB
Multi-Carrier
BW = 170 to 230
MHz
2nd Nyquist Zone =
½ f
SAMP to f SAMP
4th Nyquist Zone =
3 /
2 f SAMP to 2f SAMP
1.0
3.0
5.0
7.0
9.0
11.0
13.0
0
4
8
12
16
20
24
VGA Attenuation below Max Gain (dB)
Standard VGA w/14 bit ADC
F1240/1 w/14 bit ADC
F1240/1 w/12 bit ADC
Up to 2.1 dB advantage
in SNR!
Enables use of low cost
12-bit ADC with no loss
of performance
SNR @ 200 MHz
with 165 fsec clock
jitter = 69.3 dB
SNR @ 200 MHz
with 165 fsec clock
jitter = 67.7 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com