Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F1455
Description  TX Digital VGA 1400 MHz to 2300 MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1455 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F1455 Datasheet HTML 1Page - Renesas Technology Corp F1455 Datasheet HTML 2Page - Renesas Technology Corp F1455 Datasheet HTML 3Page - Renesas Technology Corp F1455 Datasheet HTML 4Page - Renesas Technology Corp F1455 Datasheet HTML 5Page - Renesas Technology Corp F1455 Datasheet HTML 6Page - Renesas Technology Corp F1455 Datasheet HTML 7Page - Renesas Technology Corp F1455 Datasheet HTML 8Page - Renesas Technology Corp F1455 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
T
© 2016 Integrated Device Technology, Inc
1
October 19, 2016
TX Digital VGA
1400 MHz to 2300 MHz
F1455
Datasheet
Description
The F1455 is a High Gain / High Linearity 1400 MHz to 2300 MHz
TX Digital Variable Gain Amplifier used in transmitter applications.
The F1455 TX DVGA provides 32.8 dB maximum gain with
+38.5 dBm OIP3 and 3.9 dB noise figure. Up to 29.5 dB gain
control is achieved using the combination of a digital step
attenuator (DSA) and a KLINTM RF Digital Gain Amplifier. This
device uses a single 5 V supply and 220 mA of ICC.
This device is packaged in a 6 mm x 6 mm, 28-pin QFN with 50 Ω
single-ended RF input and RF output impedances for ease of
integration into the signal-path.
Competitive Advantage
In typical Base Stations, RF VGAs are used in the TX traffic paths
to drive the transmit power amplifier. The F1455 TX DVGA offers
very high reliability due to its construction from a monolithic silicon
die in a QFN package. The F1455 is configured to provide an
optimum balance of noise and linearity performance consisting of
a KLINTM RF amplifier, digital step attenuator (DSA) and a PA driver
amplifier. The KLINTM amplifier maintains the OIP3 and output P1dB
performance over an extended attenuation range when compared
to competitive devices.
Typical Applications
Multi-mode, Multi-carrier Transmitters
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Public Safety Infrastructure
Features
Broadband 1400 MHz to 2300 MHz
32.8 dB max gain
3.9 dB NF @ max gain (2000 MHz)
29.5 dB total gain control range, 0.5 dB step
< 2 dB overshoot between gain transitions
Maintains flat +23 dBm OP1dB for more than 13 dB gain
adjustment range
Maintains flat +38.5 dBm OIP3 for more than 15 dB gain
adjustment range
SPI interface for DSA control
Single 5 V supply voltage
ICC = 220 mA
Up to +105 °C TCASE operating temperature
50 Ω input and output impedance
Standby mode for power savings
Pin compatible with 700 MHz and 2700 MHz versions
6 mm x 6 mm, 28-pin QFN package
Block Diagram
Figure 1. Block Diagram
6 mm x 6 mm
28-pin
/STBY
Bias
DSA
Digital CTL
PA Driver
KLIN
TM DVGA
RF IN
3
RF OUT
SPI &
Decoder
KLIN
KLIN
Constant
High Linearity
TM


Similar Part No. - F1455

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1455 IDT-F1455 Datasheet
2Mb / 27P
TX Digital VGA
F1455EVBK IDT-F1455EVBK Datasheet
2Mb / 27P
TX Digital VGA
F1455EVSK IDT-F1455EVSK Datasheet
2Mb / 27P
TX Digital VGA
F1455NKGK IDT-F1455NKGK Datasheet
2Mb / 27P
TX Digital VGA
F1455NKGK8 IDT-F1455NKGK8 Datasheet
2Mb / 27P
TX Digital VGA
More results

Similar Description - F1455

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
Low Noise Amplifier 50??1400 to 2300 MHz
logo
Analog Devices
ADL5363 AD-ADL5363 Datasheet
990Kb / 24P
2300 MHz to 2900 MHz Balanced Mixer
REV. 0
logo
TriQuint Semiconductor
885049 TRIQUINT-885049_15 Datasheet
243Kb / 1P
2300-2400 MHz Tx/Rx Filter
885075 TRIQUINT-885075_15 Datasheet
234Kb / 7P
2300-2400 MHz Tx/Rx Filter
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
TX Digital VGA
F1455 IDT-F1455 Datasheet
2Mb / 27P
TX Digital VGA
F1451 IDT-F1451 Datasheet
7Mb / 28P
TX Digital VGA 700 MHz to 1100 MHz
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
TX Digital VGA 450MHz to 1100MHz
logo
Qorvo, Inc
QPQ1040Q QORVO-QPQ1040Q Datasheet
730Kb / 11P
2300-2400 MHz TX/RX Filter
logo
Renesas Technology Corp
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com