Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # F1455
Description  TX Digital VGA 1400 MHz to 2300 MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1455 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button F1455 Datasheet HTML 19Page - Renesas Technology Corp F1455 Datasheet HTML 20Page - Renesas Technology Corp F1455 Datasheet HTML 21Page - Renesas Technology Corp F1455 Datasheet HTML 22Page - Renesas Technology Corp F1455 Datasheet HTML 23Page - Renesas Technology Corp F1455 Datasheet HTML 24Page - Renesas Technology Corp F1455 Datasheet HTML 25Page - Renesas Technology Corp F1455 Datasheet HTML 26Page - Renesas Technology Corp F1455 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
23
October 19, 2016
Evaluation Kit Operation
Standby
Connector J6 allows the F1455 to be put into the standby mode (STBY). Making no connection or connecting J6 pin 2 (the center pin) to Vcc
the amplifier will be placed in normal operating mode. To put the F1455 into standby mode for very low power consumption ground J6 pin 2
(the center pin).
Figure 56. Image of J6 connector for Standby mode control
Serial Programming Pins
Connector J7 pins 1, 2, 4, 6, 8 are ground. Pin 3 is DATA, pin 5 is Clock (CLK), pin 7 is Chip Select (CSB).
Figure 57. Image of J7 connector for SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com