Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F1455
Description  TX Digital VGA 1400 MHz to 2300 MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1455 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F1455 Datasheet HTML 12Page - Renesas Technology Corp F1455 Datasheet HTML 13Page - Renesas Technology Corp F1455 Datasheet HTML 14Page - Renesas Technology Corp F1455 Datasheet HTML 15Page - Renesas Technology Corp F1455 Datasheet HTML 16Page - Renesas Technology Corp F1455 Datasheet HTML 17Page - Renesas Technology Corp F1455 Datasheet HTML 18Page - Renesas Technology Corp F1455 Datasheet HTML 19Page - Renesas Technology Corp F1455 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
16
October 19, 2016
Typical Performance Characteristics
Figure 44. ACLR vs. Atten [1.70 GHz]
Figure 45. EVM vs. Atten [1.70 GHz]
Figure 46. ACLR vs. Atten [1.88 GHz]
Figure 47. EVM vs. Atten [1.88 GHz]
Figure 48. ACLR vs. Atten [2.10 GHz]
Figure 49. EVM vs. Atten [2.10 GHz]
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
2
4
6
8
10
12
14
16
Attenuation (dB)
ACLR_low [TN1]
ACLR_high [TN1]
ACLR_low [TN2]
ACLR_high [TN2]
System ACLR Low
System ACLR High
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
2
4
6
8
10
12
14
16
18
20
Attenuation (dB)
EVM [TN1]
EVM [TN2]
System EVM
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
2
4
6
8
10
12
14
16
Attenuation (dB)
ACLR_low [TN1]
ACLR_high [TN1]
ACLR_low [TN2]
ACLR_high [TN2]
System ACLR Low
System ACLR High
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
2
4
6
8
10
12
14
16
18
20
Attenuation (dB)
EVM [TN1]
EVM [TN2]
System EVM
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
0
2
4
6
8
10
12
14
16
Attenuation (dB)
ACLR_low [TN1]
ACLR_high [TN1]
ACLR_low [TN2]
ACLR_high [TN2]
System ACLR Low
System ACLR High
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0
2
4
6
8
10
12
14
16
18
20
Attenuation (dB)
EVM [TN1]
EVM [TN2]
System EVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com