Electronic Components Datasheet Search
  English  ▼

X  

F1455 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # F1455
Description  TX Digital VGA 1400 MHz to 2300 MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1455 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button F1455 Datasheet HTML 14Page - Renesas Technology Corp F1455 Datasheet HTML 15Page - Renesas Technology Corp F1455 Datasheet HTML 16Page - Renesas Technology Corp F1455 Datasheet HTML 17Page - Renesas Technology Corp F1455 Datasheet HTML 18Page - Renesas Technology Corp F1455 Datasheet HTML 19Page - Renesas Technology Corp F1455 Datasheet HTML 20Page - Renesas Technology Corp F1455 Datasheet HTML 21Page - Renesas Technology Corp F1455 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
18
October 19, 2016
Figure 51. SPI Timing Diagram
TS
TH
TP
TCH
TCL
CLK
DATA
CSb
TL
TLS
TLC
TL
Table 8. SPI Timing Diagram Values for Figure 51
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
CLK Frequency
FC
25
MHz
CLK High Duration Time
TCH
20
ns
CLK Low Duration Time
TCL
20
ns
DATA to CLK Setup Time
TS
5
ns
CLK Period [a]
TP
40
ns
CLK to DATA Hold Time
TH
5
ns
CSb to CLK Setup Time
TLS
5
ns
CSb Trigger Pulse Width
TL
10
ns
CSb Trigger to CLK Setup Time [b]
TLC
5
ns
a. (TCH + TCL) ≥ 1/FC
b. Once all desired DATA is clocked in, TLC represents the time a CSb high needs to occur before any
subsequent CLK signals.
Table 9. Standby Truth Table
/STBY (pin 14)
Condition
0 V
Amplifier OFF with SPI powered ON
Vcc
Full operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com