Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1950
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1950 Datasheet HTML 1Page - Renesas Technology Corp F1950 Datasheet HTML 2Page - Renesas Technology Corp F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
4
Rev 2, July 2017
IDTF1912NCGI
Datasheet
F1912 SPECIFICATION
Specifications apply at VDD = +3.3 V, TCASE = +25 °C, FRF = 2000 MHz, PIN = 0 dBm, Serial Mode (VMODE > VIH),
Zsource = ZLoad = 50 Ω unless otherwise noted. EVKit losses are de-embedded.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High 5
VIH
All Control Pins
VDD > 3.9 V
1.17 1
3.6
V
3.0 ≤ VDD ≤ 3.9 V
1.17
Lower of
(VDD+0.3, 3.6)
V
Logic Input Low 5
VIL
All Control Pins
0.63
V
Logic Current
IIH, IIL
All Control Pins
-35
+35
μA
Supply Current
IDD
VDD = 3.3 V
550
830
μA
VDD = 5.0 V
620
900
RF1 Return Loss
S11
18
dB
RF2 Return Loss
S22
18
dB
Attenuation Step
LSB
Least Significant Bit
0.5
dB
Insertion Loss
(Minimum Attenuation)
AMIN
D[5:0]=[000000] (IL State)
1.4
2.0
dB
Insertion Loss
(Maximum Attenuation)
AMAX
D[5:0]=[111111]=31.5 dB
322
33.0
dB
Step Error
DNL
0.10
dB
Absolute Error
INL
D[5:0]=[100111]= 19.5 dB
-0.7
+0.5
dB
Relative Phase (max to
min attenuation)
ΦΔ
At 2 GHz
27
Deg
At 4 GHz
55
Input IP3
IIP3
PIN = +10 dBm/tone,
Tone Spacing = 50 MHz
Attn = 0.0 dB, RFin = RF1
60
64.0
dBm
Attn = 0.0 dB, RFin = RF2
56
60.5
Attn =15.5 dB, RFin = RF1
56
61.0
Attn =15.5 dB, RFin = RF2
57
61.5
IIP3
Attn = 0.00 dB, RFin = RF1
PIN = +22 dBm per tone
1 MHz Tone Separation
FRF = 0.7 GHz
60
62.5
dBm
FRF = 1.8 GHz
58
61.5
FRF = 2.2 GHz
58
61.0
FRF = 2.6 GHz
57
60.5
Input IP2
IIP2
PIN = +12dBm/tone, VDD=5.0V
F1=945 MHz, F2= 949 MHz
F1+F2 = 1894 MHz
RFIN= RF1
110
dBm
0.1dB Compression3
P0.1
D[5:0] = [000000] = 0 dB
31
dBm
Note 1: Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2: Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3: The input 0.1dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF input
power.
Note 4: Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.
Note 5: The power supply voltage must be applied before all other voltages. See Applications Information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com