Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F1950
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 3Page - Renesas Technology Corp F1950 Datasheet HTML 4Page - Renesas Technology Corp F1950 Datasheet HTML 5Page - Renesas Technology Corp F1950 Datasheet HTML 6Page - Renesas Technology Corp F1950 Datasheet HTML 7Page - Renesas Technology Corp F1950 Datasheet HTML 8Page - Renesas Technology Corp F1950 Datasheet HTML 9Page - Renesas Technology Corp F1950 Datasheet HTML 10Page - Renesas Technology Corp F1950 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
7
Rev 2, July 2017
IDTF1912NCGI
Datasheet
Figure 2 - Serial Register Timing Diagram
Note - When Latch enable is high, the shift register is disabled and DATA is NOT continuously clocked into
the shift register which minimizes noise. It is recommended that Latch enable be left high when the device is
not being programmed.
Table 3 - Serial Mode Timing Table
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
tmc
Parallel to Serial Setup Time - From rising edge
of VMODE to rising edge of CLK for D5
100
ns
tds
Clock high pulse width
10
ns
tcls
LE Setup Time - From the rising edge of CLK
pulse for D0 to LE rising edge minus half the
clock period.
10
ns
tlew
LE pulse width
30
ns
tdsc
Data Setup Time - From the starting edge of
Data bit to rising edge of CLK
10
ns
tdht
Data Hold Time - From rising edge of CLK to
falling edge of the Data bit.
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com