Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1950
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 15Page - Renesas Technology Corp F1950 Datasheet HTML 16Page - Renesas Technology Corp F1950 Datasheet HTML 17Page - Renesas Technology Corp F1950 Datasheet HTML 18Page - Renesas Technology Corp F1950 Datasheet HTML 19Page - Renesas Technology Corp F1950 Datasheet HTML 20Page - Renesas Technology Corp F1950 Datasheet HTML 21Page - Renesas Technology Corp F1950 Datasheet HTML 22Page - Renesas Technology Corp F1950 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
20
Rev 2, July 2017
IDTF1912NCGI
Datasheet
EVKIT BOM
Item #
Part Reference
QTY
DESCRIPTION
Mfr. Part #
Mfr.
1
C1, C11
2
100nF ±10%, 50V, X7R Ceramic Capacitor
(0402)
GRM155R71H104K
MURATA
2
C2, C12
2
10nF ±5%, 50V, C0G Ceramic Capacitor (0402)
GRM155R71H103J
MURATA
3
R12, C13, C14
3
0Ω Resistors (0402)
ERJ-2GE0R00X
PANASONIC
4
R1-R7
7
100Ω ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1000X
PANASONIC
5
R9, R10, R11
3
3kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF3001X
PANASONIC
6
R8, R15, R16, R17
4
10kΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1002X
PANASONIC
7
R13
1
100KΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF1003X
PANASONIC
8
R14
1
267KΩ ±1%, 1/10W, Resistor (0402)
ERJ-2RKF2673X
PANASONIC
9
J5, J7
2
CONN HEADER VERT SGL 2 X 1 POS GOLD
961102-6404-AR
3M
10
J8
1
CONN HEADER VERT SGL 4 X 1 POS GOLD
961104-6404-AR
3M
11
J6
1
CONN HEADER VERT SGL 8 X 1 POS GOLD
961108-6404-AR
3M
12
J2, J3, J4
3
Edge Launch SMA (0.250 inch pitch ground,
round)
142-0711-821
Emerson Johnson
13
U1
1
SWITCH 8 POSITION DIP SWITCH
KAT1108E
E-Switch
14
U2
1
DSA
F1912Z
IDT
15
1
Printed Circuit Board (Rev 01)
F1953S EVKit Rev 01
IDT
16
Bill Of Material (Rev 01)
TOP MARKINGS
IDTF19
12NCGI
Z515G
Part Number
Date Code [YWW]
(Week 5 of 2015)
ASM
Test
Step
Assembler
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com