Electronic Components Datasheet Search
  English  ▼

X  

F1950 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1950
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1950 Datasheet HTML 13Page - Renesas Technology Corp F1950 Datasheet HTML 14Page - Renesas Technology Corp F1950 Datasheet HTML 15Page - Renesas Technology Corp F1950 Datasheet HTML 16Page - Renesas Technology Corp F1950 Datasheet HTML 17Page - Renesas Technology Corp F1950 Datasheet HTML 18Page - Renesas Technology Corp F1950 Datasheet HTML 19Page - Renesas Technology Corp F1950 Datasheet HTML 20Page - Renesas Technology Corp F1950 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
17
Rev 2, July 2017
IDTF1912NCGI
Datasheet
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
D5
16 dB Attenuation Control Bit. Pull high for 16 dB ATTN.
2
RF1
Device RF input or output (bi-directional). Internally DC
blocked.
3
DATA
Serial interface Data Input.
4
CLK
Serial interface Clock Input.
5
LE
Serial interface Latch Enable Input. Internal pullup (100K
ohm).
6
VDD
Power supply pin.
7
NC
Internally unconnected.
8
NC
Internally unconnected.
9
NC
Internally unconnected.
10
GND
Connect to Ground. This pin is internally connected to the
exposed paddle.
11
GND
Connect to Ground. This pin is internally connected to the
exposed paddle.
12
GND
Connect to Ground. This pin is internally unconnected.
13
VMODE
Pull high for serial control mode. Ground for parallel control
mode.
14
RF2
Device RF input or output (bi-directional). Internally DC
blocked.
15
D4
8 dB Attenuation Control Bit. Pull high for 8 dB ATTN.
16
D3
4 dB Attenuation Control Bit. Pull high for 4 dB ATTN.
17
D2
2 dB Attenuation Control Bit. Pull high for 2 dB ATTN.
18
GND
Connect to Ground. This pin is internally unconnected.
19
D1
1 dB Attenuation Control Bit. Pull high for 1 dB ATTN.
20
D0
0.5 dB Attenuation Control Bit. Pull high for 0.5 dB ATTN.
EPAD
Exposed
Paddle
Exposed Pad. Internally connected to GND. Solder this
exposed pad to a PCB pad that uses multiple ground vias to
provide heat transfer out of the device into the PCB ground
planes. These multiple via grounds are also required to achieve
the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com