Electronic Components Datasheet Search
  English  ▼

X  

F2911 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2911 Datasheet HTML 1Page - Renesas Technology Corp F2911 Datasheet HTML 2Page - Renesas Technology Corp F2911 Datasheet HTML 3Page - Renesas Technology Corp F2911 Datasheet HTML 4Page - Renesas Technology Corp F2911 Datasheet HTML 5Page - Renesas Technology Corp F2911 Datasheet HTML 6Page - Renesas Technology Corp F2911 Datasheet HTML 7Page - Renesas Technology Corp F2911 Datasheet HTML 8Page - Renesas Technology Corp F2911 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
F2911 Datasheet
© 2017 Integrated Device Technology, Inc.
4
Rev O, September 21, 2017
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Min
Typical
Max
Units
Power Supply Voltage
VDD
2.7
5.5
V
Operating Temperature Range
TEP
Exposed paddle temperature
-40
+105
O
C
RF Frequency Range
fRF
1
3500
MHz
RF Input CW Power
(Non-Switched) [a]
PRFCW
RF1 or RF2 as the input
(Insertion loss state)
TEP = 85ºC
28
dBm
TEP = 105ºC
25
RF1 as the input
(Isolation state)
TEP = 85ºC
18
TEP = 105ºC
15
RF2 as the input
(Isolation state)
TEP = 85ºC
25
TEP = 105ºC
22
RF Input Peak Power
(Non-Switched) [a] , [b]
PRFPK
RF1 or RF2 as the input
(Insertion loss state)
TEP = 85ºC
31
dBm
TEP = 105ºC
28
RF1 as the input
(Isolation state)
TEP = 85ºC
21
TEP = 105ºC
18
RF2 as the input
(Isolation state)
TEP = 85ºC
28
TEP = 105ºC
25
RF Continuous
Input Power
(RF Hot Switching CW) [a]
PRFSW
Applied to RF2 and
switching between
insertion loss to isolation
state
TEP = 85ºC
22
dBm
TEP = 105ºC
19
RF1/2 Port Impedance
ZRFx
Insertion loss state
75
Ω
RF2 Port Impedance
ZRFx
Isolation state
75
Ω
a. Levels based on: VDD = +2.7V to +5.5V, 1MHz ≤ fRF ≤ 3500MHz, ZS = ZL = 75Ω. See Figure 3 for power handling derating vs.
RF frequency.
b. 5% duty cycle of a 4.6ms period.
Figure 3. Maximum RF Input Operating Power vs. RF Frequency (ZS = ZL = 75Ω)
-5
0
5
10
15
20
25
30
35
40
0.01
0.1
1
10
100
1000
Frequency (MHz)
Cond 1
Cond 2
Cond 3
Cond 1: Maximum Continuous Operating CW Power, RF1 or RF2 Port, I.L. State ,TEP = 105 C
Cond 2: Maximum Continuous Operating CW Power, RF2 Port, Isolation State, TEP = 105 C
Cond 3: Maximum Continuous Operating Hot Switching CW Power, RF2 Port, TEP = 105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com