Electronic Components Datasheet Search
  English  ▼

X  

F2911 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F2911 Datasheet HTML 6Page - Renesas Technology Corp F2911 Datasheet HTML 7Page - Renesas Technology Corp F2911 Datasheet HTML 8Page - Renesas Technology Corp F2911 Datasheet HTML 9Page - Renesas Technology Corp F2911 Datasheet HTML 10Page - Renesas Technology Corp F2911 Datasheet HTML 11Page - Renesas Technology Corp F2911 Datasheet HTML 12Page - Renesas Technology Corp F2911 Datasheet HTML 13Page - Renesas Technology Corp F2911 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
F2911 Datasheet
© 2017 Integrated Device Technology, Inc.
10
Rev O, September 21, 2017
Control Mode
Table 7.
Switch Control Truth Table
V1
State
RFC to RF2
LOW
Isolation
RF1 port reflective, RF2 port matched to 75Ω
HIGH
Insertion Loss
RF1 and RF2 port matched to 75Ω
Application Information
Default Start-up
The V1 control pin includes no internal pull-down resistors to logic LOW or pull-up resistors to logic HIGH.
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade the noise figure, and fast transients can trigger ESD clamps and cause them to
fail. Supply voltage change or transients should have a slew rate slower than 1V/20µs. In addition, all control pins should remain at 0V
(± 0.3V) while the supply voltage ramps up or while it returns to zero.
Control Pin Interface
If a clean control signal cannot be guaranteed due to overshoot, undershoot, or ringing, etc., the following circuit at the input of the control pin
is recommended.
Figure 13. Control Pin Signal Integrity Improvement Circuit
F2911
V1
2pF
5k
Ω
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com