Electronic Components Datasheet Search
  English  ▼

X  

F2911 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2911 Datasheet HTML 1Page - Renesas Technology Corp F2911 Datasheet HTML 2Page - Renesas Technology Corp F2911 Datasheet HTML 3Page - Renesas Technology Corp F2911 Datasheet HTML 4Page - Renesas Technology Corp F2911 Datasheet HTML 5Page - Renesas Technology Corp F2911 Datasheet HTML 6Page - Renesas Technology Corp F2911 Datasheet HTML 7Page - Renesas Technology Corp F2911 Datasheet HTML 8Page - Renesas Technology Corp F2911 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
F2911 Datasheet
© 2017 Integrated Device Technology, Inc.
5
Rev O, September 21, 2017
Electrical Characteristics
Table 4.
Electrical Characteristics
See the F2911 Typical Application Circuit. Specifications apply when operated with VDD = +3.3V, TEP = +25°C, fRF = 1000MHz,
driven port = RF2, PIN = 0dBm, ZS = ZL = 75Ω. PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Min
Typical
Max
Units
Logic Input High
VIH
+2.7V ≤ VDD ≤ +5.5V
1.1 [a]
Lower of
(VDD, 3.6)
V
Logic Input Low
VIL
-0.3 [b]
0.6
V
Logic Current
IIH, IIL
-1
+1
µA
DC Current
IDD
VDD = 3.3V
190
304
µA
VDD = 5.0V
230
Insertion Loss
IL
1MHz ≤ fRF ≤ 50MHz [c]
0.24
0.44
dB
50MHz < fRF ≤ 250MHz
0.26
250MHz < fRF ≤ 750MHz
0.29
750MHz < fRF ≤ 1000MHz
0.31
1000MHz < fRF ≤ 1200MHz
0.33
1200MHz < fRF ≤ 1800MHz [c]
0.39
0.55
1800MHz < fRF ≤ 2000MHz
0.39
2000MHz < fRF ≤ 3500MHz
0.89
Isolation
ISO
1MHz ≤ fRF ≤ 50MHz
75
84
dB
50MHz < fRF ≤ 250MHz
70
250MHz < fRF ≤ 750MHz
59
750MHz < fRF ≤ 1000MHz
55
1000MHz < fRF ≤ 1200MHz
53
1200MHz < fRF ≤ 1800MHz
46
1800MHz < fRF ≤ 2000MHz
45
2000MHz < fRF ≤ 3500MHz
35
RF1, RF2 Return Loss [d]
(Insertion Loss State)
RFRL
1MHz ≤ fRF ≤ 50MHz
33
dB
50MHz < fRF ≤ 250MHz
32
250MHz < fRF ≤ 750MHz
27
750MHz < fRF ≤ 1000MHz
25
1000MHz < fRF ≤ 1200MHz
23
1200MHz < fRF ≤ 1800MHz
20
1800MHz < fRF ≤ 2000MHz
20
2000MHz < fRF ≤ 3500MHz
10
RF2 Return Loss [d]
(Isolation State)
RFRLISO
1MHz ≤ fRF ≤ 50MHz
27
dB
50MHz < fRF ≤ 250MHz
27
250MHz < fRF ≤ 750MHz
25
750MHz < fRF ≤ 1000MHz
23
1000MHz < fRF ≤ 1200MHz
22
1200MHz < fRF ≤ 1800MHz
20
1800MHz < fRF ≤ 2000MHz
20
2000MHz < fRF ≤ 3500MHz
11
a. Items in min/max columns in bold italics are guaranteed by test (GBT).
b. Items in min/max columns that are not bold italics are guaranteed by design characterization (GBDC).
c. Maximum specification limit is GBT at 50MHz and 1.8GHz, and it is GBDC over the whole frequency range.
d. Return loss includes mismatch effects of the Evaluation Kit PCB and RF connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com