Electronic Components Datasheet Search
  English  ▼

X  

F2911 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2911
Description  75廓 SPST RF Switch 1MHz to 3500MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2911 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2911 Datasheet HTML 2Page - Renesas Technology Corp F2911 Datasheet HTML 3Page - Renesas Technology Corp F2911 Datasheet HTML 4Page - Renesas Technology Corp F2911 Datasheet HTML 5Page - Renesas Technology Corp F2911 Datasheet HTML 6Page - Renesas Technology Corp F2911 Datasheet HTML 7Page - Renesas Technology Corp F2911 Datasheet HTML 8Page - Renesas Technology Corp F2911 Datasheet HTML 9Page - Renesas Technology Corp F2911 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
F2911 Datasheet
© 2017 Integrated Device Technology, Inc.
6
Rev O, September 21, 2017
Electrical Characteristics
Table 5.
Electrical Characteristics
See the F2911 Typical Application Circuit. Specifications apply when operated with VDD = +3.3V, TEP = +25°C, fRF = 1000MHz,
driven port = RF2, PIN = 0dBm, ZS = ZL = 75Ω. PCB board trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input 1dB Compression [c]
ICP1dB
fRF =1MHz
33
dBm
fRF = 10MHz
34
fRF = 2000MHz
34
fRF = 3500MHz
34
Input 0.1dB Compression [c]
ICP0.1dB
fRF = 1MHz
30
dBm
fRF = 10MHz
33
fRF = 2000MHz
33
fRF = 3500MHz
33
Input IP2 [d]
IIP2
PIN = 13dBm/tone
f1+ f2 frequency
f1 = 5MHz
f2 = 6MHz
86
dBm
f1 = 185MHz
f2 = 190MHz
120
f1 = 895MHz
f2 = 900MHz
121
f1 = 1745MHz
f2 = 1750MHz
117
Input IP3 [d]
IIP3
PIN = 13dBm/tone
f1 = 5MHz
f2 = 6MHz
52
dBm
f1 = 185MHz
f2 = 190MHz
64
f1 = 1790MHz
f2 = 1795MHz
66
f1 = 3490MHz
f2 = 3495MHz
64
CTB / CSO
77 and 110 channels, POUT = 44dBmV
-95
dBc
Non-RF Driven Spurious [e]
SpurMAX
Out any RF port when externally
terminated into 75Ω
-100
dBm
Switching Time [f]
TSW
50% control to 90% RF
1.0
µs
50% control to 10% RF
1.0
50% control to RF settled to within
+/- 0.1dB of I.L. value
1.1
Maximum Switching Rate
SWRATE
25
kHz
Maximum Video Feed-
Through on RF Ports
VIDFT
Peak transients during switching
Measured with 20ns rise time
0 to +3.3V control pulse
10
mVpp
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns not in bold italics are guaranteed by design characterization.
c. The input 0.1dB and 1dB compression points are linearity figures of merit. Refer to the “Recommended Operating Conditions”
section and Figure 3 for the maximum operating power levels.
d. RF1 or RF2 driven IIP2 and IIP3 results when in the insertion loss state.
e. Spurious due to on-chip negative voltage generator. Spurious fundamental = approximately 5.7MHz.
f.
fRF = 1GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com