Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
F2912
High Reliability SP2T RF Switch
4
F2912, Rev 3, 04/01/2016
F2912 SPECIFICATION
Typical Application Circuit, VCC = +3.3 V, TC = +25 °C, FRF = 1 GHz, 2 GHz, and or 4 GHz as noted below. Input
power = 0 dBm or +13 dBm/tone unless otherwise stated. PCB board trace and connector losses are de-embedded
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Logic Input High Threshold
VIH
For all control pins
Pin 18 low for 3.3 V logic
0.7 x
VCC
3.6
V
For all control pins
Pin 18 high for 1.8 V logic
1.1 1
2
Logic Input Low Threshold
VIL
For all control pins
Pin 18 low for 3.3 V logic
0.3 x
VCC
V
For all control pins
Pin 18 high for 1.8 V logic
0.63
V
Logic Current
IIH, IIL
For all control pins
180
500
nA
DC Current
ICC
Pin 18 low for 3.3 V logic
20
25
µA
Pin 18 high for 1.8 V logic
126
153
Insertion Loss
RF1/RF2 to RF_COM
(State 2 or 3)
IL
RF = 1.0 GHz
0.4
0.6
dB
RF = 2.0 GHz
0.5
0.7
RF = 4.0 GHz
0.6
0.8
RF = 6.0 GHz
0.61
0.92
RF = 8.1 GHz
0.81
1.0
RF = 9.0 GHz
1.00
1.4
Isolation
RF1 / RF2 to RF_COM
(State 2 or 3)
ISO1
RF = 1.0 GHz
58
61.5
dB
RF = 2.0 GHz
52
57
RF = 4.0 GHz
50
52
RF = 6.0 GHz
45
53
RF = 8.1 GHz
30
33
RF = 9.0 GHz
26
29
Isolation
RF1 to RF2
(State 2 or 3)
ISO2
RF = 1.0 GHz
71
74
dB
RF = 2.0 GHz
60
62
RF = 4.0 GHz
46
47
RF = 6.0 GHz
36
38
RF = 8.1 GHz
27
31
RF = 9.0 GHz
23
27
Return Loss RF_COM
(State 1)
RL1
RF = 1.0 GHz
27
dB
RF = 2.0 GHz
24
RF = 4.0 GHz
20
RF = 6.0 GHz
12
RF = 8.1 GHz
11
RF = 9.0 GHz
9
Note 1:
Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2:
Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3:
The input 1 dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF input
power.
Note 4:
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com