Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
F2912
F2912, Rev 3, 04/01/2016
5
High Reliability SP2T RF Switch
F2912 SPECIFICATION (CONT.)
Typical Application Circuit, VCC = +3.3 V, TC = +25 °C, FRF = 1 GHz, 2 GHz, and or 4 GHz as noted below. Input
power = 0 dBm or +13 dBm/tone unless otherwise stated. PCB board trace and connector losses are de-embedded
unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Return Loss RF_COM
(State 2 or 3)
RL2
RF = 1.0 GHz
25
dB
RF = 2.0 GHz
23
RF = 4.0 GHz
26
RF = 6.0 GHz
18
RF = 8.1 GHz
20
RF = 9.0 GHz
15
Return Loss
RF1, RF2
(State 1)
RL3
RF = 1.0 GHz
27
dB
RF = 2.0 GHz
27
RF = 4.0 GHz
20
RF = 6.0 GHz
18
RF = 8.1 GHz
14
RF = 9.0 GHz
10
Return Loss
RF1, RF2
(State 2 or 3)
RL4
RF = 1.0 GHz
26
dB
RF = 2.0 GHz
25
RF = 4.0 GHz
21
RF = 6.0 GHz
17
RF = 8.1 GHz
14
RF = 9.0 GHz
10
Input IP2
RF1 / RF2
(State 2 or 3)
IIP2
RF = 1.0 GHz
102
dBm
RF = 2.0 GHz
110
RF = 3.0 GHz
110
Input IP3
RF1 / RF2
(State 2 or 3)
IIP3
RF = 1.0 GHz
66
dBm
RF = 2.0 GHz
64
RF = 3.0 GHz
64
Input 1dB compression
RF1 / RF2
(State 2 or 3) 3
IP1dB
FRF = 2.0 GHz
29
30
dBm
Switching Time
TSW
RF = 1.0 GHz
50% control to 90% RF
1.1
µs
RF = 1 GHz
50% control to 10% RF
0.5
Maximum Switching Frequency
SWFREQ
25
kHz
Maximum video feed-through
RF_COM port
VIDFT
5 MHz to 1 GHz
Measured with 2.5 ns risetime,
0 to 3.3 V control pulse
5
mVpp
Maximum spurious level on
any RF port4
SpurMAX
RF ports terminated into 50 Ω
-145
dBm
Note 1:
Items in min/max columns in
bold italics are Guaranteed by Test.
Note 2:
Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
Note 3:
The input 1 dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF input
power.
Note 4:
Spurious due to on-chip negative voltage generator. Typical generator fundamental frequency is 2.2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com