Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp F2912 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
F2912
High Reliability SP2T RF Switch
6
F2912, Rev 3, 04/01/2016
CONTROL MODES
The F2912 switch states are designed to be controlled by using either a 2 pin logic control (see Table 1) or a 1 pin
logic control (see Table 2). Table 3 describes the settings to enable one or two pin control. The F2912 also has the
ability to be controlled by 3 V or 1.8 V control logic based on the setting of Pin 18 (See Table 4). See Pin Compatibility
in the Applications Information section for more details.
Table 1 - Switch Control Truth Table for 2 pin logic control (ModeCTL = GND)
State
Control pin input
RF1, RF2 Input / Output
CTL1
(Pin 17)
CTL2
(Pin 16)
RF1 to RF Com RF2 to RF Com
1
Low
Low
OFF
OFF
2
Low
High
OFF
ON
3
High
Low
ON
OFF
4
High
High
N/A
N/A
Table 2 – Switch Control Truth Table for 1 pin logic control (ModeCTL = VCC)
State
Control Pin Input
RF1, RF2 Input / Output
CTL1
(Pin 17)
CTL2
(Pin 16) RF1 to RF Com RF2 to RF Com
2
Don't Care
High
OFF
ON
3
Don't Care
Low
ON
OFF
Table 3 – Mode Control Truth Table to set for 1 or 2 pin logic control
ModeCTL (Pin 19)
Pin Control Mode
GND
2-pin control: CTL1 and CTL2
VCC
1-pin control: CTL2
Notes:
1. When RF1 and RF2 ports are both open (State 1), all 3 RF ports are terminated to an internal 50 Ω
termination resistor.
2. When RF1 or RF2 port is open (State 2 or State 3 OFF condition), the open port is connected to an
internal 50 Ω termination resistor.
3. When RF1 or RF2 port is closed (State 2 or State 3 ON condition), the closed port is connected to the
RF Com port.
Table 4 - Logic Control (pin 18) Truth Table
LogicCTL (Pin 18)
Logic Voltage
VCC
1.8 V
GND
3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com