Electronic Components Datasheet Search
  English  ▼

X  

F2912 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2912
Description  High Reliability SP2T RF Switch 9 kHz to 9000 MHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2912 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2912 Datasheet HTML 1Page - Renesas Technology Corp F2912 Datasheet HTML 2Page - Renesas Technology Corp F2912 Datasheet HTML 3Page - Renesas Technology Corp F2912 Datasheet HTML 4Page - Renesas Technology Corp F2912 Datasheet HTML 5Page - Renesas Technology Corp F2912 Datasheet HTML 6Page - Renesas Technology Corp F2912 Datasheet HTML 7Page - Renesas Technology Corp F2912 Datasheet HTML 8Page - Renesas Technology Corp F2912 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
F2912
High Reliability SP2T RF Switch
2
F2912, Rev 3, 04/01/2016
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VCC to GND
VCC
-0.3
+3.9
V
CTL1, CTL2, LogicCTL
VCNTL
-0.3
Vcc + 0.3
V
RF1, RF2, RF_Com
VRF
-0.3
+0.3
V
Maximum Junction Temperature
TJmax
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
Class 2
(2000)
V
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
Class IV
(1500)
V
RF Power For Case Temperatures up to +85 °C*
RF1, RF2 (RF1 or RF2 is connected to RF_COM, State 3 and 2)
+33 dBm
RF1, RF2 (RF1 or RF2 is NOT connected to RF_COM, State 1, 2 and 3)
+24 dBm
RF_COM (RF_COM port is NOT connected to RF1 or RF2, State 1)
+24 dBm
RF Power For Case Temperatures up to +105 °C*
RF1, RF2 (RF1 or RF2 is connected to RF_COM, State 3 and 2)
+33 dBm
RF1, RF2 (RF1 or RF2 is NOT connected to RF_COM, State 1, 2 and 3)
+21 dBm
RF_COM (RF_COM port is NOT connected to RF1 or RF2, State 1)
+21 dBm
RF Power For Case Temperatures up to +120 °C*
RF1, RF2 (RF1 or RF2 is connected to RF_COM, State 3 and 2)
+27 dBm
RF1, RF2 (RF1 or RF2 is NOT connected to RF_COM, State 1, 2 and 3)
+18 dBm
RF_COM (RF_COM port is NOT connected to RF1 or RF2, State 1)
+18 dBm
* Note: These Absolute Maximum RF power limits are reduced if the RF frequency is lower than 400 MHz.
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
60.0 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
3.9 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com