Electronic Components Datasheet Search
  English  ▼

X  

F2915 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2915
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2915 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2915 Datasheet HTML 1Page - Renesas Technology Corp F2915 Datasheet HTML 2Page - Renesas Technology Corp F2915 Datasheet HTML 3Page - Renesas Technology Corp F2915 Datasheet HTML 4Page - Renesas Technology Corp F2915 Datasheet HTML 5Page - Renesas Technology Corp F2915 Datasheet HTML 6Page - Renesas Technology Corp F2915 Datasheet HTML 7Page - Renesas Technology Corp F2915 Datasheet HTML 8Page - Renesas Technology Corp F2915 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F2915 Datasheet
© 2020 Renesas Electronics Corporation
3
June 22, 2020
F2915 RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage (s)
VDD
Pin 20 grounded
2.7
5.5
V
Pin 20 Driven with VSSEXT
2.7
5.5
VSSEXT
Negative Supply1
-3.6
-3.4
-3.2
Operating Temp Range
TCASE
Exposed Paddle Temperature
-40
+105
O
C
RF Frequency Range
FRF
50
8000
MHz
RF Continuous
Input CW Power 2
PRF
Selected Port
33
dBm
Terminated Ports3
27
RF Continuous
Input CW Power for
Hot RF Switching2
PRFSW
RFC as
the input
Switch to RF1
thru RF5.
27
dBm
Switched into or
out of all off
state.
24
RF1 thru
RF5 as
the inputs
Switched to RFC
or into Term3.
27
Switch into or
out of all off
condition.
27
RF1 - 5 Port Impedance
ZRFx
50
Ω
RFC Port Impedance
ZRFC
50
Note 1: For normal operation, connect VSSEXT = 0 V (pin 20) to GND to enable the internal negative voltage generator.
By applying VSSEXT to pin 20, the negative voltage generator is disabled completely eliminating any
generator spurious responses.
Note 2: Levels based on TC ≤ 85C. See Figure 1 power de-rating curve for higher case temperatures.
Note 3: In any of the insertion loss modes or switching into any insertion loss mode, any 3 of the 4 remaining
terminated port paths may be each exposed to the maximum stated power level during continuous or hot
switching operation.
Figure 1 - MAXIMUM RF OPERATING INPUT POWER vs. RF FREQUENCY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com