Electronic Components Datasheet Search
  English  ▼

X  

F2915 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2915
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2915 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2915 Datasheet HTML 1Page - Renesas Technology Corp F2915 Datasheet HTML 2Page - Renesas Technology Corp F2915 Datasheet HTML 3Page - Renesas Technology Corp F2915 Datasheet HTML 4Page - Renesas Technology Corp F2915 Datasheet HTML 5Page - Renesas Technology Corp F2915 Datasheet HTML 6Page - Renesas Technology Corp F2915 Datasheet HTML 7Page - Renesas Technology Corp F2915 Datasheet HTML 8Page - Renesas Technology Corp F2915 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
F2915 Datasheet
© 2020 Renesas Electronics Corporation
2
June 22, 2020
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
+6.0
V
V1, V2, V3 to GND
VCNTL
-0.3
Lower of
( 3.6, VDD + 0.3)
V
RF1, RF2, RF3, RF4, RF5, RFC to GND
VRF
-0.3
+0.3
V
VSSEXT to GND
VEXT
-4.0
+0.3
V
Input Power for any one selected RF through port.
(VDD applied @ 2 GHz and TC = +85 °C)
PMAXTHRU
37
dBm
Input Power for any one selected RF terminated
port .(VDD applied @ 2 GHz and TC = +85 °C)
PMAXTERM
30
dBm
Input Power for RFC when in the all off state.
(VDD applied @ 2 GHz and TC = +85 °C)
PMAXCOM
33
dBm
Continuous Power Dissipation (TC = 95 °C Max)
3
W
Maximum Junction Temperature
TJmax
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ESD Voltage– HBM (Per JESD22-A114)
VESDHBM
Class 1C (1500V)
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
Class C3 (1000V)
TC = Temperature of the exposed paddle
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
41 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
6.4 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com