Electronic Components Datasheet Search
  English  ▼

X  

F2915 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2915
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2915 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2915 Datasheet HTML 4Page - Renesas Technology Corp F2915 Datasheet HTML 5Page - Renesas Technology Corp F2915 Datasheet HTML 6Page - Renesas Technology Corp F2915 Datasheet HTML 7Page - Renesas Technology Corp F2915 Datasheet HTML 8Page - Renesas Technology Corp F2915 Datasheet HTML 9Page - Renesas Technology Corp F2915 Datasheet HTML 10Page - Renesas Technology Corp F2915 Datasheet HTML 11Page - Renesas Technology Corp F2915 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
F2915 Datasheet
© 2020 Renesas Electronics Corporation
8
June 22, 2020
TYPICAL OPERATING CONDITIONS (- 3 -)
RFC Return Loss with RFX Selected vs. Voltage
RFX Terminated Return Loss vs. Temperature
Return Loss (During Switching) vs. Time
RFX Terminated Return Loss vs. RFX Port
RFX Terminated Return Loss vs. Voltage
VSWR (During Switching) vs. Time
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
-40C
25C
105C
-40
-35
-30
-25
-20
-15
-10
-5
0
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time (µsec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
RF1
RF2
RF3
RF4
RF5
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
8
Frequency (GHz)
2.7V
3.3V
5.0V
5.5V
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
Time (µsec)
RFX Term ---> RFX Active
RFX Active ---> RFX Term



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com