Electronic Components Datasheet Search
  English  ▼

X  

F2915 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2915
Description  High Reliability SP5T RF Switch 50MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2915 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2915 Datasheet HTML 1Page - Renesas Technology Corp F2915 Datasheet HTML 2Page - Renesas Technology Corp F2915 Datasheet HTML 3Page - Renesas Technology Corp F2915 Datasheet HTML 4Page - Renesas Technology Corp F2915 Datasheet HTML 5Page - Renesas Technology Corp F2915 Datasheet HTML 6Page - Renesas Technology Corp F2915 Datasheet HTML 7Page - Renesas Technology Corp F2915 Datasheet HTML 8Page - Renesas Technology Corp F2915 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
High Reliability SP5T RF Switch
50MHz to 8000MHz
F2915
Datasheet
© 2020 Renesas Electronics Corporation
1
June 22, 2020
DESCRIPTION
The F2915 is a high reliability, low insertion loss, 50 Ω
SP5T absorptive RF switch designed for a multitude of
RF applications including wireless communications.
This device covers a broad frequency range from
50 MHz to 8000 MHz. In addition to providing low
insertion loss, the F2915 also delivers excellent
linearity and isolation performance while providing a
50 Ω termination to the unused RF input ports. The
F2915 also includes a patent pending constant
impedance (KZ) feature. KZ improves system hot
switching ruggedness, minimizes LO pulling in VCOs,
and reduces phase and amplitude variations in
distribution networks. It is also ideal for dynamic
switching/selection between two or more amplifiers
while avoiding damage to upstream /downstream
sensitive devices such as PAs and ADCs.
The F2915 uses a single positive supply voltage
supporting three logic control pins using either 3.3 V or
1.8 V control logic. Connecting a negative voltage to
pin 20 disables the internal negative voltage generator
and becomes the negative supply.
COMPETITIVE ADVANTAGE
The F2915 provides constant impedance in all RF ports
during transitions improving a system’s hot-switching
ruggedness. The device also supports high power
handling, and high isolation; particularly important for
DPD receiver use.
Constant impedance KK||ZZ|| during switching transition
RFX to RFC Isolation = 50 dB*
Insertion Loss = 1.1 dB*
IIP3: +60.5 dBm*
Extended temperature: -40 °C to +105 °C
* 4 GHz
APPLICATIONS
•
Base Station 2G, 3G, 4G
•
Portable Wireless
•
Repeaters and E911 systems
•
Digital Pre-Distortion
•
Point to Point Infrastructure
•
Public Safety Infrastructure
•
Military Systems, JTRS radios
•
Cable Infrastructure
•
Test / ATE Equipment
FEATURES
•
Five symmetric, absorptive RF ports
•
High Isolation: 50 dB @ 4000 MHz
•
Low Insertion Loss: 1.1 dB @ 4000 MHz
•
High Linearity:
o
IIP2 of 114 dBm @ 2000 MHz
o
IIP3 of 60.5 dBm @ 4000 MHz
•
High Operating Power Handling:
o
33 dBm CW on selected RF port
o
27 dBm on terminated ports
•
Single 2.7 V to 5.5 V supply voltage
•
External Negative Supply Option
•
3.3 V and 1.8 V compatible control logic
•
Operating Temperature -40 °C to +105 °C
•
4 mm x 4 mm 24 pin QFN package
•
Pin compatible with competitors
FUNCTIONAL BLOCK DIAGRAM
K|Z|
VSSEXT
RF5
Control
Circuit
RF4
RF2
RF1
V1
V2
V3
RFC
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
RF3
ORDERING INFORMATION
F2915NBGK8
Tape &
Reel
Green


Similar Part No. - F2915

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
F2915NBGK IDT-F2915NBGK Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
More results

Similar Description - F2915

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Peregrine Semiconductor
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
logo
Integrated Device Techn...
F2915 IDT-F2915 Datasheet
1Mb / 19P
High Reliability SP5T RF Switch
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com