Electronic Components Datasheet Search
  English  ▼

X  

GLS87DP032G3 Datasheet(PDF) 2 Page - Greenliant systems

Part # GLS87DP032G3
Description  Industrial / Commercial Temp SATA M.2 ArmourDrive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS87DP032G3 Datasheet(HTML) 2 Page - Greenliant systems

  GLS87DP032G3 Datasheet HTML 1Page - Greenliant systems GLS87DP032G3 Datasheet HTML 2Page - Greenliant systems GLS87DP032G3 Datasheet HTML 3Page - Greenliant systems GLS87DP032G3 Datasheet HTML 4Page - Greenliant systems GLS87DP032G3 Datasheet HTML 5Page - Greenliant systems GLS87DP032G3 Datasheet HTML 6Page - Greenliant systems GLS87DP032G3 Datasheet HTML 7Page - Greenliant systems GLS87DP032G3 Datasheet HTML 8Page - Greenliant systems GLS87DP032G3 Datasheet HTML 9Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Factsheet 05.000
April 2020
These specifications are subject to change without notice.
04/29/2020
© 2020 Greenliant
2
S71461-01
GLS FS0019 Rev. 00
GLS87DPxxxx3 / GLS87BPxxxx3 PX Series
Industrial / Commercial Temp SATA M.2 ArmourDrive™
1.0
GENERAL DESCRIPTION
Each M.2 ArmourDrive module integrates a SATA SSD controller with NAND flash multi-chip packages. Refer to
Figure 2-1 for the M.2 ArmourDrive block diagram.
1.1
Optimized M.2 ArmourDrive
The heart of M.2 ArmourDrive is the SATA SSD
controller, which translates standard SATA signals
into flash media data and control signals. The
following components contribute to M.2 ArmourDrive’s
operation.
1.1.1
Microcontroller Unit (MCU)
The MCU translates SATA commands into data and
control signals required for flash media operation.
1.1.2
Internal Direct Memory Access (DMA)
M.2 ArmourDrive uses internal DMA allowing instant
data transfer from/to buffer to/from flash media. This
implementation eliminates microcontroller overhead
associated
with
the
traditional,
firmware-based
approach, thereby increasing the data transfer rate.
1.1.3
Power Management Unit (PMU)
The PMU controls the power consumption of M.2
ArmourDrive. The PMU dramatically reduces the
power consumption of M.2 ArmourDrive by putting the
part of the circuitry that is not in operation into sleep
mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
M.2 ArmourDrive firmware integrity. For regular power
management,
the
host
must
send
an
IDLE_IMMEDIATE command and wait for command
ready before powering down M.2 ArmourDrive.
1.1.4
Embedded Flash File System
The embedded flash file system is an integral part of
M.2 ArmourDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides flash media wear leveling to spread the
flash writes across all memory address space to
increase the longevity of flash media
3.
Keeps track of data file structures
1.1.5
Power Interrupt Data Protection
Power Interrupt Data Protection is a mechanism to
help prevent data corruption during unexpected power
failure events. Enhanced data integrity is supported by
the controller’s advanced firmware during abnormal
power loss. The controller proactively optimizes the
amount and stay time of the “in-flight” data residing in
the cache. To ensure there is no data loss risk caused
by
power
cycling,
the
controller
sends
an
acknowledgement to the host only when the incoming
data is fully committed to the NAND flash.
1.1.6
Error Correction Code (ECC)
The ECC technology uses advanced Low Density
Parity Check (LDPC) algorithms to detect and correct
errors, ensuring data integrity and extending the SSD
lifespan.
1.1.7
Multi-tasking Interface
The multi-tasking interface enables concurrent Read,
Program and Erase operations to multiple NAND flash
media.
1.2
Advanced NAND Management
M.2 ArmourDrive’s controller uses advanced wear-
leveling algorithms to substantially increase the
longevity of NAND flash media. Wear caused by
data writes is evenly distributed in all or select
blocks in the device that prevents “hot spots” in
locations that are programmed and erased
extensively. This effective wear-leveling technique
results in optimized device endurance, enhanced
data retention and higher reliability required by
long-life applications.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com