Electronic Components Datasheet Search
  English  ▼

X  

GLS87DP032G3 Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS87DP032G3
Description  Industrial / Commercial Temp SATA M.2 ArmourDrive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS87DP032G3 Datasheet(HTML) 5 Page - Greenliant systems

  GLS87DP032G3 Datasheet HTML 1Page - Greenliant systems GLS87DP032G3 Datasheet HTML 2Page - Greenliant systems GLS87DP032G3 Datasheet HTML 3Page - Greenliant systems GLS87DP032G3 Datasheet HTML 4Page - Greenliant systems GLS87DP032G3 Datasheet HTML 5Page - Greenliant systems GLS87DP032G3 Datasheet HTML 6Page - Greenliant systems GLS87DP032G3 Datasheet HTML 7Page - Greenliant systems GLS87DP032G3 Datasheet HTML 8Page - Greenliant systems GLS87DP032G3 Datasheet HTML 9Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Factsheet 05.000
April 2020
These specifications are subject to change without notice.
04/29/2020
© 2020 Greenliant
5
S71461-01
GLS FS0019 Rev. 00
GLS87DPxxxx3 / GLS87BPxxxx3 PX Series
Industrial / Commercial Temp SATA M.2 ArmourDrive™
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: M.2 2242 ArmourDrive Product Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Form Factor
32GB
Industrial (-40°C to 85°C)
GLS87DP032G3-I-BZ200
2242 (DS), B+M key
32GB
Industrial (-40°C to 85°C)
GLS87DP032G3-I-BZ202
2242 (DS), B+M key
32GB
Commercial (0°C to +70°C)
GLS87DP032G3-C-BZ200
2242 (DS), B+M key
64GB
Industrial (-40°C to 85°C)
GLS87DP064G3-I-BZ200
2242 (DS), B+M key
64GB
Industrial (-40°C to 85°C)
GLS87DP064G3-I-BZ202
2242 (DS), B+M key
64GB
Commercial (0°C to +70°C)
GLS87DP064G3-C-BZ200
2242 (DS), B+M key
128GB
Industrial (-40°C to 85°C)
GLS87DP128G3-I-BZ200
2242 (DS), B+M key
128GB
Industrial (-40°C to 85°C)
GLS87DP128G3-I-BZ202
2242 (DS), B+M key
128GB
Commercial (0°C to +70°C)
GLS87DP128G3-C-BZ200
2242 (DS), B+M key
256GB
Industrial (-40°C to 85°C)
GLS87DP256G3-I-BZ200
2242 (DS), B+M key
256GB
Industrial (-40°C to 85°C)
GLS87DP256G3-I-BZ202
2242 (DS), B+M key
256GB
Commercial (0°C to +70°C)
GLS87DP256G3-C-BZ200
2242 (DS), B+M key
512GB
Industrial (-40°C to 85°C)
GLS87DP512G3-I-BZ200
2242 (DS), B+M key
512GB
Industrial (-40°C to 85°C)
GLS87DP512G3-I-BZ202
2242 (DS), B+M key
512GB
Commercial (0°C to +70°C)
GLS87DP512G3-C-BZ200
2242 (DS), B+M key



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com