Electronic Components Datasheet Search
  English  ▼

X  

GLS87DP032G3 Datasheet(PDF) 6 Page - Greenliant systems

Part # GLS87DP032G3
Description  Industrial / Commercial Temp SATA M.2 ArmourDrive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS87DP032G3 Datasheet(HTML) 6 Page - Greenliant systems

  GLS87DP032G3 Datasheet HTML 1Page - Greenliant systems GLS87DP032G3 Datasheet HTML 2Page - Greenliant systems GLS87DP032G3 Datasheet HTML 3Page - Greenliant systems GLS87DP032G3 Datasheet HTML 4Page - Greenliant systems GLS87DP032G3 Datasheet HTML 5Page - Greenliant systems GLS87DP032G3 Datasheet HTML 6Page - Greenliant systems GLS87DP032G3 Datasheet HTML 7Page - Greenliant systems GLS87DP032G3 Datasheet HTML 8Page - Greenliant systems GLS87DP032G3 Datasheet HTML 9Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Factsheet 05.000
April 2020
These specifications are subject to change without notice.
04/29/2020
© 2020 Greenliant
6
S71461-01
GLS FS0019 Rev. 00
GLS87DPxxxx3 / GLS87BPxxxx3 PX Series
Industrial / Commercial Temp SATA M.2 ArmourDrive™
Table 3-2: M.2 2280 ArmourDrive Product Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Form Factor
32GB
Industrial (-40°C to 85°C)
GLS87BP032G3-I-BZ200
2280 (DS), B+M key
32GB
Industrial (-40°C to 85°C)
GLS87BP032G3-I-BZ202
2280 (DS), B+M key
32GB
Commercial (0°C to +70°C)
GLS87BP032G3-C-BZ200
2280 (DS), B+M key
32GB
Commercial (0°C to +70°C)
GLS87BP032G3-C-BZ201
2280 (DS), B+M key
64GB
Industrial (-40°C to 85°C)
GLS87BP064G3-I-BZ200
2280 (DS), B+M key
64GB
Industrial (-40°C to 85°C)
GLS87BP064G3-I-BZ202
2280 (DS), B+M key
64GB
Commercial (0°C to +70°C)
GLS87BP064G3-C-BZ200
2280 (DS), B+M key
64GB
Commercial (0°C to +70°C)
GLS87BP064G3-C-BZ201
2280 (DS), B+M key
128GB
Industrial (-40°C to 85°C)
GLS87BP128G3-I-BZ200
2280 (DS), B+M key
128GB
Industrial (-40°C to 85°C)
GLS87BP128G3-I-BZ202
2280 (DS), B+M key
128GB
Commercial (0°C to +70°C)
GLS87BP128G3-C-BZ200
2280 (DS), B+M key
128GB
Commercial (0°C to +70°C)
GLS87BP128G3-C-BZ201
2280 (DS), B+M key
128GB
Commercial (0°C to +70°C)
GLS87BP128G3-C-BZ203
2280 (DS), B+M key
256GB
Industrial (-40°C to 85°C)
GLS87BP256G3-I-BZ200
2280 (DS), B+M key
256GB
Industrial (-40°C to 85°C)
GLS87BP256G3-I-BZ202
2280 (DS), B+M key
256GB
Commercial (0°C to +70°C)
GLS87BP256G3-C-BZ200
2280 (DS), B+M key
256GB
Commercial (0°C to +70°C)
GLS87BP256G3-C-BZ201
2280 (DS), B+M key
256GB
Commercial (0°C to +70°C)
GLS87BP256G3-C-BZ203
2280 (DS), B+M key
512GB
Industrial (-40°C to 85°C)
GLS87BP512G3-I-BZ200
2280 (DS), B+M key
512GB
Industrial (-40°C to 85°C)
GLS87BP512G3-I-BZ202
2280 (DS), B+M key
512GB
Commercial (0°C to +70°C)
GLS87BP512G3-C-BZ200
2280 (DS), B+M key
512GB
Commercial (0°C to +70°C)
GLS87BP512G3-C-BZ201
2280 (DS), B+M key
512GB
Commercial (0°C to +70°C)
GLS87BP512G3-C-BZ203
2280 (DS), B+M key
1TB
Industrial (-40°C to 85°C)
GLS87BP001T3-I-BZ200
2280 (DS), B+M key
1TB
Industrial (-40°C to 85°C)
GLS87BP001T3-I-BZ202
2280 (DS), B+M key
1TB
Commercial (0°C to +70°C)
GLS87BP001T3-C-BZ200
2280 (DS), B+M key
1TB
Commercial (0°C to +70°C)
GLS87BP001T3-C-BZ201
2280 (DS), B+M key



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com