Electronic Components Datasheet Search
  English  ▼

X  

GLS87DP032G3 Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS87DP032G3
Description  Industrial / Commercial Temp SATA M.2 ArmourDrive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS87DP032G3 Datasheet(HTML) 1 Page - Greenliant systems

  GLS87DP032G3 Datasheet HTML 1Page - Greenliant systems GLS87DP032G3 Datasheet HTML 2Page - Greenliant systems GLS87DP032G3 Datasheet HTML 3Page - Greenliant systems GLS87DP032G3 Datasheet HTML 4Page - Greenliant systems GLS87DP032G3 Datasheet HTML 5Page - Greenliant systems GLS87DP032G3 Datasheet HTML 6Page - Greenliant systems GLS87DP032G3 Datasheet HTML 7Page - Greenliant systems GLS87DP032G3 Datasheet HTML 8Page - Greenliant systems GLS87DP032G3 Datasheet HTML 9Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Factsheet 05.000
April 2020
These specifications are subject to change without notice.
04/29/2020
© 2020 Greenliant
1
S71461-01
GLS FS0019 Rev. 00
GLS87DPxxxx3 / GLS87BPxxxx3 PX Series
Industrial / Commercial Temp SATA M.2 ArmourDrive™
Features
• Industry Standard SATA Host Interface
–
SATA 1.5Gb/s, 3Gb/s and 6Gb/s
–
SATA Revision 3.2
–
ATA/ATAPI-8 compliant
–
Supports 48-bit address feature set
–
Native Command Queuing (NCQ)
up to 32 commands
• Performance
–
Sequential data read: Up to 550 MB/s
–
Sequential data write: Up to 500 MB/s
(measured using 128 KB transfer size)
• Power Management
–
3.3V power supply
–
Host initialized power management (HIPM)
–
Device initialized power management (DIPM)
• Power Consumption
–
Active mode:
1TB: < 1800mW
512GB: < 1520mW
256GB: < 1450mW
128GB: < 1350mW
64GB: < 1250mW
32GB: < 1100mW
–
Idle mode: < 325mW
–
Slumber mode: < 15mW
–
DevSleep mode (optional): < 5mW
• Supports TRIM and SMART Commands
• Data Protection
–
Secure erase / Data sanitization
• Reliability
–
Mean Time Between Failures (MTBF):
2 million hours
• Integrated Current Detector
–
Protects from inrush current and generates
reset during power-up and power-down to
prevent inadvertent writes
• 20-Byte Serial Number
–
Factory pre-programmed unique ID
• Built-in ECC
–
Uses advanced LDPC bit error detection and
correction optimized for 3D NAND
• NAND Configuration
–
3 bits per cell (3D TLC NAND)
• Endurance
–
Program/Erase (P/E) cycles: 3K
• Operating Temperature Range
–
Industrial: -40°C to 85°C
–
Commercial: 0°C to 70°C
(SSD case temperature reported by SMART)
• M.2 2242 and 2280 Form Factors
–
32GB-256GB: 22mm x 42mm x 3.10mm /
22mm x 80mm x 3.10mm
–
512GB: 22mm x 42mm x 3.50mm /
22mm x 80mm x 3.50mm
–
1TB: 22mm x 80mm x 3.50mm
–
Double-sided (DS), B+M key
• All Devices are RoHS Compliant
Product Description
The GLS87DP032G3 / 064G3 / 128G3 / 256G3 /
512G3 (2242 form factor) and GLS87BP032G3 /
064G3 / 128G3 / 256G3 / 512G3 / 001T3 (2280 form
factor) Industrial and Commercial Temperature SATA
M.2 ArmourDrive™ PX Series modules (referred to as
“M.2 ArmourDrive” in this datasheet) are high-
performance, high-reliability solid state drives. They
combine 32, 64, 128, 256 or 512 GBytes, or 1 TByte
of NAND flash memory with an advanced Serial ATA
(SATA) controller on a printed circuit board (PCB).
M.2 ArmourDrive is ideal for applications that require
removable form factor and more reliable data storage.
SATA M.2 solid state storage technology is widely
used in industrial computers, test and measurement
instrumentation,
multi-functional
printers,
medical
equipment,
security
and
surveillance
systems,
network servers and digital signage. These removable
solid state drives (SSDs) surpass traditional hard disk
drives (HDDs) in their small size, security, reliability,
ruggedness and low power consumption.
The SATA SSD controller with built-in advanced
NAND management firmware communicates with the
host through the standard SATA protocol. It does not
require any additional or proprietary software such as
the Flash File System (FFS) and Memory Technology
Driver (MTD). The firmware effectively optimizes the
use of NAND flash memory’s program/erase (P/E)
cycles and minimizes write amplification.
M.2 ArmourDrive’s advanced NAND management
technology
improves
endurance,
enhances
data
security and helps prevent data corruption during
unexpected power failure events. This innovative
technology
combines
robust
NAND
controller
hardware error correction capabilities with advanced
wear-leveling algorithms and bad block management
to improve data reliability and significantly extend the
life of the product.


Similar Part No. - GLS87DP032G3

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS87AA008G1 GREENLIANT-GLS87AA008G1 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AA008G8 GREENLIANT-GLS87AA008G8 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AA008G9 GREENLIANT-GLS87AA008G9 Datasheet
245Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AA016G1 GREENLIANT-GLS87AA016G1 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AA016G8 GREENLIANT-GLS87AA016G8 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
More results

Similar Description - GLS87DP032G3

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS89SQ240G3 GREENLIANT-GLS89SQ240G3 Datasheet
130Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive PX Series
GLS89SQ128G3 GREENLIANT-GLS89SQ128G3 Datasheet
100Kb / 6P
Commercial Temp SATA 2.5 ArmourDrive PX Series
GLS89SP032G3 GREENLIANT-GLS89SP032G3 Datasheet
526Kb / 6P
Industrial Temp 2.5 SATA ArmourDrive PX Series
GLS89SA032G2 GREENLIANT-GLS89SA032G2 Datasheet
124Kb / 6P
Industrial Temp SATA 2.5 ArmourDrive MX Series
GLS88BP240G3 GREENLIANT-GLS88BP240G3 Datasheet
97Kb / 6P
Industrial Temp NVMe M.2 ArmourDrive PX Series
GLS88AR128G3 GREENLIANT-GLS88AR128G3 Datasheet
97Kb / 7P
Commercial Temp NVMe M.2 ArmourDrive PX Series
GLS87BQ240G3 GREENLIANT-GLS87BQ240G3 Datasheet
173Kb / 6P
Industrial Temp SATA M.2 2280 ArmourDrive
GLS87AAXXXG9 GREENLIANT-GLS87AAXXXG9 Datasheet
245Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AAXXXG1 GREENLIANT-GLS87AAXXXG1 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
Industrial / Commercial Temp mSATA ArmourDrive
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com