Electronic Components Datasheet Search
  English  ▼

X  

FTD8203 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTD8203 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
The following specifica�ons apply for VIN =3.6V (TA=25 oC, unless specified otherwise.)
Symbol
Parameter
Test Conditions
FTD8203
Unit
Min.
Typ.
Max.
VIN
Input Voltage
2.5
6
V
IDD1
Input DC Bias Current
VFB=0.4V,no switching
-
300
-
uA
IDD2
VFB=0V, switching
-
2
5
mA
ISD
EN=GND
-
-
1
uA
UVLO Threshold Voltage
VIN Rising
2.0
2.2
2.4
V
UVLO Hysteresis Voltage
VIN Falling
50
100
150
mV
VREF
Regulated Feedback Voltage
VIN=2.7V ~ 6V, TA = 25℃
0.185
0.2
0.215
V
VIN=2.7V ~ 6V, TA = -40 ~ 85℃
0.18
0.22
IFB
FB Input Current
-50
50
nA
FSW
Switching Frequency
1.25
1.5
1.75
MHz
RON
Power Switch On Resistance
0.2
Ω
ILIM
Power Switch Current Limit
2
A
LX Leakage Current
VEN = 0V, VLX = 0V or 6V, VIN = 6V
-1
1
uA
DMAX LX Maximum Duty Cycle
92
95
98
%
Over Voltage Threshold
VOUT Rising
FTD8203A
22
24
27.5
V
FTD8203B
14.5
16
20
Over Voltage Hysteresis
VOVP Falling
-
3
-
V
OVP Leakage
VOVP =20V
-
50
-
nA
Enable Voltage Threshold
VEN Rising
1
-
-
V
Shutdown Voltage Threshold
VEN Falling
-
-
0.4
V
EN Leakage Current
VEN = 0 ~ 6V, VIN = 6V
-2
-
2
uA
EN Minimum On Pluse Width
VEN = 0 ~ 6V, VIN = 6V, PWM
-
800
-
ns
TOTP
Over-Temperature Protec�on
TJ Rising
150
oC
Over-Temperature Protec�on
TJ Falling
40
oC
White LED Step-up Converter
2019. 02. 08
5/13
Revision No : 0
FTD8203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com