Electronic Components Datasheet Search
  English  ▼

X  

FTD8203 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTD8203 Datasheet HTML 1Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 2Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 3Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 4Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The FTD8203 is a current-mode and fixed frequency boost
converter with an integrated N-FET to drive white LEDs.
The series connec�on allows the LED current to be
iden�cal for uniform brightness. Its low on-resistance of
NFET and low feedback voltage reduce power loss and
achieve high efficiency. Fast switching frequency(1.5MHz
typical) allows using small-size inductor and both of input
and output capacitors. An over voltage protec�on
func�on,which monitors the output voltage via OVP pin,
stops switching of the IC if the OVP voltage exceeds the
over voltage threshold. An internal so�-start circuit
eliminates the inrush current during start-up.
The FTD8203 also integrates under-voltage lockout,
overtemperature protec�on, and current limit circuits to
protect the IC in abnormal condi�ons. The FTD8203 is
available in a SOT-23-6.
Features
Wide Input Voltage from 2.7V to 6V
Fixed 1.5MHz Switching Frequency
Reference Voltage : 0.2V
PWM Brightness Control with Wide Frequency
Range of 100Hz to 100kHz
Build-In Power MOSFET : 0.2Ω
Open-LED Protec�on
Under-Voltage Lockout Protec�on
Over-Temperature Protec�on
<1mA Quiescent Current during Shutdown
SOT-23-6
Halogen and Lead Free Available
RoHS Compliant
Applications
White LED Display Backligh�ng
Cell Phone and Smart Phone
PDA, PMP, MP3
Digital Camera
White LED Step-up Converter
SEMICONDUCTOR
TECHNICAL DATA
FTD8203
2019. 02. 08
1/13
Revision No : 0


Similar Part No. - FTD8203

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTD8201 FS-FTD8201 Datasheet
857Kb / 10P
White LED Step-up Converter
More results

Similar Description - FTD8203

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com