Electronic Components Datasheet Search
  English  ▼

X  

FTD8203 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FTD8203
Description  White LED Step-up Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTD8203 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FTD8203 Datasheet HTML 5Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 6Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 7Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 8Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 9Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 10Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 11Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 12Page - First Silicon Co., Ltd FTD8203 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Application Information(Cont.)
Output Capacitor Selection (Cont.)
For ceramic capacitor application, the output voltage ripple is
dominated by the ΔVCOUT. When choosing the input and output
ceramic capacitors, the X5R or X7R with their good temperature
and voltage characteristics are recommended.
Setting the LED Current
In figure 1, the converter regulates the voltage on FB pin,
connected with the cathod of the lowest LED and the current-
sense resistor R1, at 0.2V (typical). Therefore, the current (ILED),
flowing via the LEDs and the R1, is calculated by the following
equation:
Layout Considerations
For all switching power supplies, the layout is an important step in
the design; especially at high peak currents and switching
frequencies. If the layout is not carefully done, the regulator might
show noise problems and duty cycle jitter.
1. The input capacitor should be placed close to the VIN and
GND. Connecting the capacitor with VIN and GND pins by short
and wide tracks without using any via holes for good filtering and
minimizing the voltage ripple.
2. To minimize copper trace connections that can inject noise into
the system, the inductor should be placed as close as possible to
the LX pin to minimize the noise coupling into other circuits.
3. The feedback network should be routed away from the
inductor. The feedback pin and feedback network should be
shielded with a ground plane or trace to minimize noise coupling
into this circuit.
4. A star ground connection or ground plane minimizes ground
shifts and noise is recommended.
White LED Step-up Converter
2019. 02. 08
12/13
Revision No : 0
FTD8203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com