Electronic Components Datasheet Search
  English  ▼

X  

SPF05F0C Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SPF05F0C
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF05F0C Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SPF05F0C Datasheet HTML 5Page - Seoul Semiconductor SPF05F0C Datasheet HTML 6Page - Seoul Semiconductor SPF05F0C Datasheet HTML 7Page - Seoul Semiconductor SPF05F0C Datasheet HTML 8Page - Seoul Semiconductor SPF05F0C Datasheet HTML 9Page - Seoul Semiconductor SPF05F0C Datasheet HTML 10Page - Seoul Semiconductor SPF05F0C Datasheet HTML 11Page - Seoul Semiconductor SPF05F0C Datasheet HTML 12Page - Seoul Semiconductor SPF05F0C Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.seoulsemicon.com
9
Product Data Sheet
Rev1.2, Sep. 2019
Color Bin Structure
Table 3. Bin Code Description
Wavelength IF = 1400mA
Color
Bin
Dominant Wavelength
[nm]
Green
G2
525 ~ 531
G3
531 ~ 537
Blue
B1
449 ~ 453
B2
453 ~458
Brightness IF = 1400mA
Color
Bin
Flux [lm]
Radiant Power [mW]
Red
RA
90 ~ 115
-
RB
115 ~ 140
-
RC
140 ~ 180
-
RD
180 ~ 225
-
Green
GC
230 ~ 280
-
GD
280 ~ 355
-
GE
355 ~ 450
-
Blue
BB
-
1,150 ~ 1,400
BC
-
1,400 ~ 1,800
BD
-
1,800 ~ 2,300
White
WC
280 ~ 355
-
WD
355 ~ 450
-
WE
450 ~ 565
-
0.300
0.305
0.310
0.315
0.320
0.325
0.330
0.335
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
CIE_x
AA
CIE IF = 1400mA
Color
CIE_x
CIE_y
AA
(White)
0.3232
0.3531
0.3315
0.3376
0.3105
0.2951
0.3015
0.3104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com