Electronic Components Datasheet Search
  English  ▼

X  

SPF05F0C Datasheet(PDF) 18 Page - Seoul Semiconductor

Part # SPF05F0C
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF05F0C Datasheet(HTML) 18 Page - Seoul Semiconductor

Back Button SPF05F0C Datasheet HTML 13Page - Seoul Semiconductor SPF05F0C Datasheet HTML 14Page - Seoul Semiconductor SPF05F0C Datasheet HTML 15Page - Seoul Semiconductor SPF05F0C Datasheet HTML 16Page - Seoul Semiconductor SPF05F0C Datasheet HTML 17Page - Seoul Semiconductor SPF05F0C Datasheet HTML 18Page - Seoul Semiconductor SPF05F0C Datasheet HTML 19Page - Seoul Semiconductor SPF05F0C Datasheet HTML 20Page - Seoul Semiconductor SPF05F0C Datasheet HTML 21Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
www.seoulsemicon.com
18
Product Data Sheet
Rev1.2, Sep. 2019
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend storing Z5 Series LED in a dry box with a
desiccant . The recommended storage temperature range is 5℃ to 30℃ and a maximum humidity of
RH50%.
(2) Use Precaution after Opening the Packaging
Use SMT techniques properly when you solder the LED as separation of the lens may affect the light
output efficiency.
Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing / Temperature : 5 ~ 40℃ Humidity : less than RH30%
b. If the package has been opened more than 4 weeks (MSL 2a) or the color of
the desiccant changes, components should be dried for 10-12hr at 60±5℃
(3) Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
(4) Do not rapidly cool device after soldering.
(5) Components should not be mounted on warped (non coplanar) portion of PCB.
(6) Radioactive exposure is not considered for the products listed here in.
(7) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or shredded in the process of disposal. It is also dangerous to drink the
liquid or inhale the gas generated by such products when chemically disposed of.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(9) When the LED are in operation the maximum current should be decided after measuring the
package temperature.
(10) The appearance and specifications of the product may be modified for improvement without
notice.
(11) Long time exposure of sunlight or occasional UV exposure will cause lens discoloration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com