Electronic Components Datasheet Search
  English  ▼

X  

SPF05F0C Datasheet(PDF) 14 Page - Seoul Semiconductor

Part # SPF05F0C
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF05F0C Datasheet(HTML) 14 Page - Seoul Semiconductor

Back Button SPF05F0C Datasheet HTML 10Page - Seoul Semiconductor SPF05F0C Datasheet HTML 11Page - Seoul Semiconductor SPF05F0C Datasheet HTML 12Page - Seoul Semiconductor SPF05F0C Datasheet HTML 13Page - Seoul Semiconductor SPF05F0C Datasheet HTML 14Page - Seoul Semiconductor SPF05F0C Datasheet HTML 15Page - Seoul Semiconductor SPF05F0C Datasheet HTML 16Page - Seoul Semiconductor SPF05F0C Datasheet HTML 17Page - Seoul Semiconductor SPF05F0C Datasheet HTML 18Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.seoulsemicon.com
14
Product Data Sheet
Rev1.2, Sep. 2019
Emitter Tape & Reel Packaging
Labeling
-X
10X11X12X13X14X15X16X17
: Brightness (Flux, mW)
-X
18X19X20 X21 : Dominant or Peak Wavelength [nm]
-X
22X23 : CIE
Rank
X10X11X12X13 X14X15X16X17X18X19X20X21X22X23
Lot No
#1#2#3#4#5#6 - #7#8#9#10 - #11#12#13
-
#
1 #2
: Year
-
#
3 #4
: Month
-
#
5 #6
: Day
-
#
7 #8 #9 #10
: Mass order
-
#
11 #12 #13
: Tray No.
500
###############
SPF05F0C
SPF05F0C
X
10X11X12X13X14X15~23
X1X2X3X4X5X6X7X8
-X
1
: Company
-X
2
: Z-Power LED series number
-X
3 X4
: Color Specification
-X
5
: PKG Series
-X
6
:
Lens Type (Flat)
-X
7
:
PCB Type
-X
8
:
Power (A:15W / B:40W / C:60W / D:8W)
Full code form



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com