Electronic Components Datasheet Search
  English  ▼

X  

SPF05F0C Datasheet(PDF) 16 Page - Seoul Semiconductor

Part # SPF05F0C
Description  Superior Efficacy & Lumen output with Small Form Factor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPF05F0C Datasheet(HTML) 16 Page - Seoul Semiconductor

Back Button SPF05F0C Datasheet HTML 12Page - Seoul Semiconductor SPF05F0C Datasheet HTML 13Page - Seoul Semiconductor SPF05F0C Datasheet HTML 14Page - Seoul Semiconductor SPF05F0C Datasheet HTML 15Page - Seoul Semiconductor SPF05F0C Datasheet HTML 16Page - Seoul Semiconductor SPF05F0C Datasheet HTML 17Page - Seoul Semiconductor SPF05F0C Datasheet HTML 18Page - Seoul Semiconductor SPF05F0C Datasheet HTML 19Page - Seoul Semiconductor SPF05F0C Datasheet HTML 20Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.seoulsemicon.com
16
Product Data Sheet
Rev1.2, Sep. 2019
Color Bin Structure
Product Nomenclature
Part Number Code
Description
Part Number
Value
X
1
Company
S
Seoul Semiconductor
X
2
Level of Integration
1
Discrete LED
X
3X4
Technology
C0
Color
X
5X6X7X8
Dimension
5864
PKG size
X
9X10
Power
60
W
X
11X12
CRI
00
X
13X14
Type
00
00 Full / 1 Red / 2
Green / 3 Blue / 4 White
X
15X16X17
Characteristic code
Flux Rank
000
X
18X19X20
Characteristic code
Vf Rank
000
X
21X22
Characteristic code
Color Step
00
X
23X24
Type
00
X
25X26X27
Internal code
001
Part Numbering System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com