Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 2 Page - Integrated Device Technology

  F1180 Datasheet HTML 1Page - Integrated Device Technology F1180 Datasheet HTML 2Page - Integrated Device Technology F1180 Datasheet HTML 3Page - Integrated Device Technology F1180 Datasheet HTML 4Page - Integrated Device Technology F1180 Datasheet HTML 5Page - Integrated Device Technology F1180 Datasheet HTML 6Page - Integrated Device Technology F1180 Datasheet HTML 7Page - Integrated Device Technology F1180 Datasheet HTML 8Page - Integrated Device Technology F1180 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
2
Rev 1, April 2015
IDTF1130NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VCC to GND
VCC
-0.3
+5.5
V
SPI DATA, SPI LE, SPI CLK,
STBY_A, STBY_B
VLogic
-0.3
Vcc + 0.25
V
IFOUT_A+, IFOUT_A-,
IFOUT_B+, IFOUT_B-,
IIF
1.00
Vcc + 0.30
V
LO_IN, RFIN_A, RFIN_B,
MIXRFIN_A, MIXRFIN_B
VCntl
-0.3
+0.30
V
LO_BIAS
VLO
+2.1
+4.0
V
RFA_BIAS, RFB_BIAS
VRFIN
-0.3
+1.50
V
RFAMP_BIAS, IFA_BIAS, IFB_BIAS
VBias
-0.3
+2.20
V
Maximum RF Input Power – Bypass OFF
(1hr < duration < 2hr @ Tcase = 105C)
PRFIN_A
PRFIN_B
+24
dBm
Maximum RF Input Power – Bypass ON
(1hr < duration < 2hr @ Tcase = 105C)
PRFIN_A
PRFIN_B
+24
dBm
Maximum RF Input Power to Mixer
(1hr < duration < 2hr @ Tcase = 105C)
PRFMIX_A
PRFMIX_B
+21
dBm
Continuous Power Dissipation
Pdiss
2.15
W
Junction Temperature
Tj
+150
°C
Storage Temperature Range
Tst
-65
+150
°C
Lead Temperature (soldering, 10s)
+260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
2000
(Class 2)
Volts
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
250
(Class C3)
Volts
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
This product features proprietary protection circuitry. However, it may be damaged if subjected to
high energy ESD. Please use proper ESD precautions when handling to avoid damage or loss of
performance.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
32 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
3 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com