Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 1 Page - Integrated Device Technology

  F1180 Datasheet HTML 1Page - Integrated Device Technology F1180 Datasheet HTML 2Page - Integrated Device Technology F1180 Datasheet HTML 3Page - Integrated Device Technology F1180 Datasheet HTML 4Page - Integrated Device Technology F1180 Datasheet HTML 5Page - Integrated Device Technology F1180 Datasheet HTML 6Page - Integrated Device Technology F1180 Datasheet HTML 7Page - Integrated Device Technology F1180 Datasheet HTML 8Page - Integrated Device Technology F1180 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
1
Rev 1, April 2015
IDTF1130NBGI
Datasheet
GENERAL DESCRIPTION
This document describes the specifications for the
F1130 Dual Path RF Receiver consisting of RF amplifier
with bypass, DSA, RF Mixer & IF amplifier in each
signal path. Applications include Multi-mode, Multi-
carrier BaseStation Receivers. F1130 supports the
following frequencies: RF from 400 MHz to 1100 MHz,
LO from 500 MHz to 1300 MHz, and IF from 25 MHz to
400 MHz. Refer to the Part # Matrix below describing
the complete series.
The F1130 RF front-end offers 19 dB gain with 3.5 dB
NF and +37 dBm OIP3 performance. The digital step
attenuator provides 30 dB adjustment range in 2 dB
steps via the SPI interface controller. For strong
signal conditions, each RF amplifier can be bypass
controlled via the SPI interface. The RF front-end
output and mixer input signals are bonded to separate
pins to allow interstage image-reject filtering.
Each of the dual mixer paths provide 9 dB power gain,
10.3 dB NF and +36 dBm OIP3 performance. An
external LO signal is applied to the mixer LO port.
This device is packaged in a 7mm x 7mm, 48-pin Thin
QFN with 50 ohm single-ended RF & LO inputs and
200 ohm differential IF output impedance for ease of
integration into the receiver lineup.
COMPETITIVE ADVANTAGE
The on-chip 4-bit RF digital step attenuator (DSA) has
very low insertion loss and low distortion.
The F1130 has very low power consumption thus
allowing it to be packaged in very compact 7x7
solution
GlitchFree
TM Technology
Extremely accurate with low distortion
Very small solution area
FEATURES
•
Dual Path for Diversity / MIMO
•
Glitch-Free
TM Technology
•
RF: 400 MHz to 1100 MHz
•
LO: 500 MHz to 1300 MHz
•
IF: 25 MHz to 400 MHz
•
Bypassable RF amplifiers for strong signal
conditions
•
19 dB RF front-end power gain
•
+37 dBm RF front-end OIP3 (Bypass OFF)
•
+43 dBm RF front-end OIP3 (Bypass ON)
•
3.5 dB front-end NF AT 900 MHz
•
9 dB mixer power gain (HS LO)
•
+36 dBm mixer OIP3
•
50
RF & LO impedance
•
200
differential IF output impedance
•
Independent CHA, CHB path standby mode
•
30 dB gain control range, 2dB steps
•
3 bit SPI control
•
Total ICC = 360 mA
•
7mm x 7mm, 48-pin TQFN package
FUNCTIONAL BLOCK DIAGRAM
PART# MATRIX
Part#
RF freq
range (MHz)
UTRA bands
IF freq
range
(MHz)
LO freq
range
(MHz)
F1130
400 - 1100
5,6,8,12,13,14,1
718,19,20, 26
25 – 400
500 -
1300
F1180
1400 - 2700
1,2,3,4,7,9,10,
11,15,16,21,23,
24,25,33,34,35,
36,37,39,40,41
25 – 400
1350 -
2900


Similar Part No. - F1180

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1180 IDT-F1180 Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
F1180NBGI RENESAS-F1180NBGI Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
F1180NBGI8 RENESAS-F1180NBGI8 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results

Similar Description - F1180

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5320 AD-ADL5320 Datasheet
328Kb / 10P
400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
logo
Mini-Circuits
ADT1-1 MINI-ADT1-1 Datasheet
132Kb / 1P
RF Transformer 50ihm 0.15 to 400 MHz
logo
Analog Devices
AD6649 AD-AD6649 Datasheet
1Mb / 40P
IF Diversity Receiver IF sampling frequencies to 400 MHz
REV. 0
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
400 MHz to 4000 MHz
REV. B
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
TX Digital VGA 700 MHz to 1100 MHz
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Analog Devices
ADL5369 AD-ADL5369 Datasheet
486Kb / 23P
300 MHz to 1100 MHz Balanced Mixer, LO Buffer, and RF Balun
5/16-Rev. 0 to Rev. A
logo
Renesas Technology Corp
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
F1180 RENESAS-F1180 Datasheet
2Mb / 43P
Dual Path Lowband RF Receiver 1400MHz to 2700MHz
February 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com