Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button F1180 Datasheet HTML 32Page - Integrated Device Technology F1180 Datasheet HTML 33Page - Integrated Device Technology F1180 Datasheet HTML 34Page - Integrated Device Technology F1180 Datasheet HTML 35Page - Integrated Device Technology F1180 Datasheet HTML 36Page - Integrated Device Technology F1180 Datasheet HTML 37Page - Integrated Device Technology F1180 Datasheet HTML 38Page - Integrated Device Technology F1180 Datasheet HTML 39Page - Integrated Device Technology F1180 Datasheet HTML 40Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
39
Rev 1, April 2015
IDTF1130NBGI
Datasheet
F1130 Digital Pin Voltage & Resistance Values (pins not connected)
The following table list the resitance between various pins and ground when no DC power is applied.
When the device is powered up with +5 Volts DC these same pins to should have the measured voltage to
ground.
Pin
Name
DC voltage
(volts)
Resistance
(ohms)
6
DATA
5
57K
7
CLK
5
57K
8
LE
5
57K
25
STBY_B
5
57K
36
STBY_A
5
57K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com