Electronic Components Datasheet Search
  English  ▼

X  

F1180 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # F1180
Description  Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1180 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button F1180 Datasheet HTML 4Page - Integrated Device Technology F1180 Datasheet HTML 5Page - Integrated Device Technology F1180 Datasheet HTML 6Page - Integrated Device Technology F1180 Datasheet HTML 7Page - Integrated Device Technology F1180 Datasheet HTML 8Page - Integrated Device Technology F1180 Datasheet HTML 9Page - Integrated Device Technology F1180 Datasheet HTML 10Page - Integrated Device Technology F1180 Datasheet HTML 11Page - Integrated Device Technology F1180 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Dual Path Lowband RF Receiver
400 MHz to 1100 MHz
Glitch-Free
TM, RF Receiver
8
Rev 1, April 2015
IDTF1130NBGI
Datasheet
Table 2 - SPI Preset Timing Parameters Calcuated for 24 MHz
Parameter
Symbol
Min
Typ
Max
Units
Clock Period (Frequency)
tp
41.66
(24)
ns
(MHz)
Data Setup
tds
20.83
ns
Data to CLK Setup Time
tdcs
5
ns
LE to CLK Setup Time
tlcs
5
ns
CLK to LE Setup Time
tcls
5
ns
LE Pulse Time
tlew
20
ns
Table 3 – Attenuator Data Word Bit Sequence
Attenuation
Setting
Attenuator 1
D4, D3, D2, D1
Attenuator 2
D9, D8, D7, D6
Insertion Loss
0000
0000
2 dB
0001
0001
4 dB
0010
0010
6 dB
0011
0011
8 dB
0100
0100
10 dB
0101
0101
12 dB
0110
0110
14 dB
0111
0111
16 dB
1000
1000
18 dB
1001
1001
20 dB
1010
1010
22 dB
1011
1011
24 dB
1100
1100
26 dB
1101
1101
28 dB
1110
1110
30 dB
1111
1111
Table 4 - RF Bypass Data Word Bit Sequence
RF Switch
ByPass Mode
RX1
D11
RX2
D13
OFF
0
0
ON
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com