Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F1950Z
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F1950Z Datasheet HTML 2Page - Renesas Technology Corp F1950Z Datasheet HTML 3Page - Renesas Technology Corp F1950Z Datasheet HTML 4Page - Renesas Technology Corp F1950Z Datasheet HTML 5Page - Renesas Technology Corp F1950Z Datasheet HTML 6Page - Renesas Technology Corp F1950Z Datasheet HTML 7Page - Renesas Technology Corp F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp F1950Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
6
Rev 3 Aug 8, 2020
TYPICAL OPERATING PARAMETRIC CURVES (EVKit loss de-embedded unless otherwise noted)
Insertion Loss vs. Frequency [AMIN]
S11 vs. Frequency [TCASE = +25C, 0.75 dB steps]
S11 vs. Attenuation State
Attenuation vs. Freq [TCASE = +25C, 0.75 dB steps]
S22 vs. Frequency [TCASE = +25C, 0.75 dB steps]
S22 vs. Attenuation State
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
200
600
1000
1400
1800
2200
2600
3000
3400
3800
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 3.3 V
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
200
600
1000
1400
1800
2200
2600
3000
3400
3800
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
-40 degC - 3.3 V - 900 MHz
-40 degC - 3.3 V - 2000 MHz
25 degC - 3.3 V - 900 MHz
25 degC - 3.3 V - 2000 MHz
100 degC - 3.3 V - 900 MHz
100 degC - 3.3 V - 2000 MHz
ATTN Setting (dB)
-35
-30
-25
-20
-15
-10
-5
0
200
600
1000
1400
1800
2200
2600
3000
3400
3800
RF Frequency (MHz)
RF Frequency (MHz)
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
200
600
1000
1400
1800
2200
2600
3000
3400
3800
RF Frequency (MHz)
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
-40 degC - 3.3 V - 900 MHz
-40 degC - 3.3 V - 2000 MHz
25 degC - 3.3 V - 900 MHz
25 degC - 3.3 V - 2000 MHz
100 degC - 3.3 V - 900 MHz
100 degC - 3.3 V - 2000 MHz
ATTN Setting (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com