Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F1950Z
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F1950Z Datasheet HTML 8Page - Renesas Technology Corp F1950Z Datasheet HTML 9Page - Renesas Technology Corp F1950Z Datasheet HTML 10Page - Renesas Technology Corp F1950Z Datasheet HTML 11Page - Renesas Technology Corp F1950Z Datasheet HTML 12Page - Renesas Technology Corp F1950Z Datasheet HTML 13Page - Renesas Technology Corp F1950Z Datasheet HTML 14Page - Renesas Technology Corp F1950Z Datasheet HTML 15Page - Renesas Technology Corp F1950Z Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
12
Rev 3 Aug 8, 2020
PACKAGE OUTLINE DRAWING
The package outline drawings are appended at the end of this document and are accessible from the link below.
The package information is the most current data available.
https://www.idt.com/document/psc/24-vfqfpn-package-outline-drawing-40-x-40-x-075-mm-body-05mm-pitch-epad-
26-x-26-mm-nbnbg24p2?language=en
PIN DESCRIPTIONS
Pin #
Pin
Name
Pin Function
1
D0
Parallel Control
– 0.25 dB attenuation step. Pull high for 0.25 dB Attenuation.
2
VDD
Main Supply. Use 3.3V or 5V. Current is < 1 mA.
3
VMODE
Pull low for parallel mode. Pull high or leave unconnected for serial mode.
4
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
5
RF1
Device RF input or output (bi-directional). Must AC couple to this pin.
6
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
7
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
8
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
9
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
10
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
11
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
12
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
13
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
14
RF2
Device RF input or output (bi-directional). Must AC couple to this pin.
15
GND
Connect directly to paddle ground or as close as possible to pin with thru via.
16
LE
Latch Enable. Serial Data latched into active register on rising edge.
17
CLK
Serial Clock Input
18
DATA
Serial Data Input
19
D6
Parallel Control
– 16 dB attenuation step. Pull high for 16 dB Attenuation.
20
D5
Parallel Control
– 8 dB attenuation step. Pull high for 8 dB Attenuation.
21
D4
Parallel Control
– 4 dB attenuation step. Pull high for 4 dB Attenuation.
22
D3
Parallel Control
– 2 dB attenuation step. Pull high for 2 dB Attenuation.
23
D2
Parallel Control
– 1 dB attenuation step. Pull high for 1 dB Attenuation.
24
D1
Parallel Control
– 0.5 dB attenuation step. Pull high for 0.5 dB Attenuation.
EP
Exposed
Paddle
Connect to Ground with multiple vias for good thermal relief.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com