Electronic Components Datasheet Search
  English  ▼

X  

F1950Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1950Z
Description  Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1950Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1950Z Datasheet HTML 12Page - Renesas Technology Corp F1950Z Datasheet HTML 13Page - Renesas Technology Corp F1950Z Datasheet HTML 14Page - Renesas Technology Corp F1950Z Datasheet HTML 15Page - Renesas Technology Corp F1950Z Datasheet HTML 16Page - Renesas Technology Corp F1950Z Datasheet HTML 17Page - Renesas Technology Corp F1950Z Datasheet HTML 18Page - Renesas Technology Corp F1950Z Datasheet HTML 19Page - Renesas Technology Corp F1950Z Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Glitch-FreeTM Digital Step Attenuator
17
Rev 3 Aug 8, 2020
REVISION HISTORY
Rev
Date
Page
Description of Change
3
2020-Aug-6
1,3, 12
Updated operating range max to 5GHz
Updated the package outline drawings; however, no mechanical changes
2
2017-Jul-18
2
18
Corrected Absolute Maximum Supply Voltage.
Added Revision History Sheet.
1
2013-Jan-15
3
5
Corrected Footer
Corrected Maximum Insertion Loss.
Added Parallel Latch Diagram.
O
2012-Nov-04
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com