Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 45Page - Texas Instruments ADC3563 Datasheet HTML 46Page - Texas Instruments ADC3563 Datasheet HTML 47Page - Texas Instruments ADC3563 Datasheet HTML 48Page - Texas Instruments ADC3563 Datasheet HTML 49Page - Texas Instruments ADC3563 Datasheet HTML 50Page - Texas Instruments ADC3563 Datasheet HTML 51Page - Texas Instruments ADC3563 Datasheet HTML 52Page - Texas Instruments ADC3563 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
Figure 8-50. Register 0x11
7
6
5
4
3
2
1
0
0
0
SE A
0
0
DLL PDN
0
AZ EN
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-18. Register 0x11 Field Descriptions
Bit
Field
Type
Reset
Description
7-6
0
R/W
0
Must write 0
5
SE A
R/W
0
This bit enables single ended analog input, channel A. In this
mode the SNR reduces by 3-dB.
0: Differential input
1: Single ended input
4-3
0
R/W
0
Must write 0
2
DLL PDN
R/W
0
This register applies ONLY to the ADC3563. It powers down the
internal DLL, which is used to adjust the sampling time. This
register must only be enabled when operating at sampling rates
below 40 MSPS. When DLL PDN bit is enabled the sampling
time is directly dependent on sampling clock duty cycle (with a
50/50 duty the sampling time is TS/2).
0: Sampling time is TS/ 4
1: Sampling time is TS/2 (only for sampling rates below 40
MSPS).
1
0
R/W
0
Must write 0
0
AZ EN
R/W
0/1
This bit enables the internal auto-zero circuitry. It is enabled by
default for the ADC3561/62 and disabled for the ADC3563.
0: Auto-zero disabled
1: Auto-zero enabled
www.ti.com
ADC3563
SBAS990 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com