Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 4Page - Texas Instruments ADC3563 Datasheet HTML 5Page - Texas Instruments ADC3563 Datasheet HTML 6Page - Texas Instruments ADC3563 Datasheet HTML 7Page - Texas Instruments ADC3563 Datasheet HTML 8Page - Texas Instruments ADC3563 Datasheet HTML 9Page - Texas Instruments ADC3563 Datasheet HTML 10Page - Texas Instruments ADC3563 Datasheet HTML 11Page - Texas Instruments ADC3563 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
6.6 Electrical Characteristics - DC Specifications (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, external 1.6 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC ANALOG INPUT (AINP/M)
FS
Input full scale
Differential
3.2
Vpp
VCM
Input common model voltage
0.9
0.95
1.0
V
RIN
Differential input resistance
FIN = 100 kHz
8
kΩ
CIN
Differential input Capacitance
FIN = 100 kHz
7
pF
VOCM
Output common mode voltage
0.95
V
BW
Analog Input Bandwidth (-3dB)
900
MHz
Internal Voltage Reference
VREF
Internal reference voltage
1.6
V
VREF Output Impedance
8
Ω
External reference voltage
1.2
V
Reference Input Buffer (REFBUF)
VREF
1.6
V
Input Current
0.3
mA
Input impedance
5.3
kΩ
External voltage reference (VREF)
Input clock
frequency
Input clock frequency
0.5
65
MHz
VID
Differential input voltage
1
3.6
Vpp
VCM
Input common mode voltage
0.9
V
Clock Input (CLKP/M)
RIN
5
kΩ
CIN
Single ended input capacitance
1.5
pF
Clock duty cycle
Clock duty cycle
40
50
60
%
VIH
High level input voltage
1.4
V
Digital Inputs (RESET, PDN, SCLK, SEN, SDIO)
VIL
Low level input voltage
0.4
V
IIH
High level input current
90
150
uA
IIL
Low level input current
-150
-90
uA
CI
Input capacitance
1.5
pF
VOH
High level output voltage
IOVDD
– 0.1
IOVDD
V
Digital Output (SDOUT)
VOL
Low level output voltage
ILOAD = 400 uA
0.1
V
Output data rate
Output data rate
per differential SLVDS output pair
1000
Mbps
SLVDS Interface
VID
Differential input voltage
DCLKIN
200
350
650
mVpp
VCM
Input common mode voltage
DCLKIN
1
1.2
1.3
V
VOD
Differential output voltage
500
700
850
mVpp
VCM
Output common mode voltage
1.0
V
ADC3563
SBAS990 – FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com