Electronic Components Datasheet Search
  English  ▼

X  

ADC3563 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3563
Description  ADC356x 16-Bit, 0.5-MSPS to 65-MSPS, Low-Noise, Low Power ADC
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3563 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC3563 Datasheet HTML 8Page - Texas Instruments ADC3563 Datasheet HTML 9Page - Texas Instruments ADC3563 Datasheet HTML 10Page - Texas Instruments ADC3563 Datasheet HTML 11Page - Texas Instruments ADC3563 Datasheet HTML 12Page - Texas Instruments ADC3563 Datasheet HTML 13Page - Texas Instruments ADC3563 Datasheet HTML 14Page - Texas Instruments ADC3563 Datasheet HTML 15Page - Texas Instruments ADC3563 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
6.8 Timing Requirements
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, external 1.6 V reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
ADC Timing Specifications
tAD
Aperture Delay
0.85
ns
tA
Aperture Jitter
square wave clock with fast edges
180
fs
tJ
Jitter on DCLKIN
± 50
ps
tACQ
Signal acquisition period, referenced to
sampling clock falling edge
FS = 65 Msps
-TS/4
Sampling
Clock
Period
FS = 25 Msps
-TS/2
FS = 10 Msps
-TS/2
tCONV
Signal conversion period, referenced to
sampling clock falling edge
FS = 65 Msps
+TS ×
5/8
Sampling
Clock
Period
FS = 25 Msps
+TS ×
3/8
FS = 10 Msps
+TS ×
1/5
Wake up
time
Time to valid data after coming out of power
down. Internal reference.
Bandgap reference enabled, single ended
clock
17.6
us
Bandgap reference enabled, differential clock
12.9
Bandgap reference disabled, single ended
clock
2.2
ms
Bandgap reference disabled, differential clock
2.2
Time to valid data after coming out of power
down. External 1.6V reference.
Bandgap reference enabled, single ended
clock
15.9
us
Bandgap reference enabled, differential clock
12.9
Bandgap reference disabled, single ended
clock
1.7
ms
Bandgap reference disabled, differential clock
1.7
tS,SYNC
Setup time for SYNC input signal
Referenced to sampling clock rising edge
500
ps
tH,SYNC
Hold time for SYNC input signal
600
ADC
Latency
Signal input to data output
2-wire SLVDS
2
Clock
cycles
1-wire SLVDS
1
1/2-wire SLVDS
1
Add.
Latency
Real decimation by 2
21
Output
clock
cycles
Complex decimation by 2
22
Real or complex decimation by 4, 8, 16, 32
23
Interface Timing: Serial LVDS Interface
tPD
Propagation delay: sampling clock falling
edge to DCLK rising edge
Delay between sampling clock falling edge to
DCLKIN falling edge < 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 +
TDCLK
+
tCDCLK
3 +
TDCLK
+
tCDCLK
4 +
TDCLK
+
tCDCLK
ns
Delay between sampling clock falling edge to
DCLKIN falling edge >= 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to
DCLKIN falling edge
2 +
tCDCLK
3 +
tCDCLK
4 +
tCDCLK
ADC3563
SBAS990 – FEBRUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ADC3563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com